Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 30Page - Texas Instruments TAS3004 Datasheet HTML 31Page - Texas Instruments TAS3004 Datasheet HTML 32Page - Texas Instruments TAS3004 Datasheet HTML 33Page - Texas Instruments TAS3004 Datasheet HTML 34Page - Texas Instruments TAS3004 Datasheet HTML 35Page - Texas Instruments TAS3004 Datasheet HTML 36Page - Texas Instruments TAS3004 Datasheet HTML 37Page - Texas Instruments TAS3004 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
4–4
4.8
Analog Control Register Operation
The analog control register (ACR) allows control of de-emphasis, selection of the analog input channel to the ADC,
and analog power down.
An I2C master is required to write the appropriate command into the ACR. The ACR subaddress is 0x40.
Bit
7
6
5
4
3
2
1
0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Table 4–1. Analog Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7
ADM
R/W
ADC output mode.
0 = Normal operation
1 = A inputs are normal; B inputs are monaural.
6
LRB
R/W
Selects left or right B input for monaural output.
0 = B left input selected for monaural ADC output when bit 7 (ADM) is set to 1
.
1 = B right input selected for monaural ADC output when bit 7 (ADM) is set to 1.
5–4
RSVD
R/W
Reserved. Bits 5 and 4 return 0s when read.
3–2
DM(1–0)
R/W
De-emphasis control.
00 = De-emphasis off (initial condition after reset)
01 = 48 kHz sample rate de-emphasis selected
10 = 44.1 kHz sample rate de-emphasis selected
11 = Reserved
1
INP
R/W
Analog input select.
0 = LINA and RINA selected (initial condition after reset)
1 = LINB and RINB selected
0
APD
R/W
Analog powerdown.
0 = Normal operation (initial condition after reset)
1 = Powerdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com