Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 33Page - Texas Instruments TAS3004 Datasheet HTML 34Page - Texas Instruments TAS3004 Datasheet HTML 35Page - Texas Instruments TAS3004 Datasheet HTML 36Page - Texas Instruments TAS3004 Datasheet HTML 37Page - Texas Instruments TAS3004 Datasheet HTML 38Page - Texas Instruments TAS3004 Datasheet HTML 39Page - Texas Instruments TAS3004 Datasheet HTML 40Page - Texas Instruments TAS3004 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
4–7
4.12 Main Control Register 2 (43h)
The TAS3004 device contains two main control registers: main control register 1 (MCR1) and main control register 2
(MCR2). The MCR2 contains the bits associated with the AllPass function and the download of bass and treble control
information, and it is accessed via I2C with the address 43h.
MCR2 (43h)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Type
R/W
R
R
R
R
R
R/W
R
Default
0
0
0
x
x
x
0
0
Table 4–2. Main Control Register 2 Description
BIT
TYPE
DESCRIPTION
b7
R/W
0 = Normal operation (initial condition after reset)
1 = Download bass and treble
b6–b5
R
Reserved. Bits b6 and b5 return 0s when read.
b4–b2
R
Undefined.
b1
R/W
0 = Normal operation (initial condition after reset)
1 = AllPass mode (bass and treble are still functional)
b0
R
Reserved. Bit b0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com