Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 70 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 66Page - Texas Instruments TAS3004 Datasheet HTML 67Page - Texas Instruments TAS3004 Datasheet HTML 68Page - Texas Instruments TAS3004 Datasheet HTML 69Page - Texas Instruments TAS3004 Datasheet HTML 70Page - Texas Instruments TAS3004 Datasheet HTML 71Page - Texas Instruments TAS3004 Datasheet HTML 72Page - Texas Instruments TAS3004 Datasheet HTML 73Page - Texas Instruments TAS3004 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
A–4
Table A–3. Main Control Register 2 Description
REGISTER
DESCRIPTOR
FUNCTION
VALUE
DESCRIPTION
C2(7)
DL
Bass and treble
0
Normal operation mode
()
load
1
Downloaded values
C2(6)
XX
Reserved
0
()
1
C2(5)
XX
Reserved
0
()
1
C2(4)
XX
Reserved
0
()
1
C2(3)
XX
Reserved
0
()
1
C2(2)
XX
Reserved
0
()
1
C2(1)
AP
Allpass mode
0
Normal operation
()
1
Sets equalization filters to all pass
C2(0)
XX
Reserved
0
()
1
A.1.3
Analog Control Register
ANA 0X40
A(7)
A(6)
A(5)
A(4)
A(3)
A(2)
A(1)
A(0)
ADM
LRB
XX
XX
DM1
DM0
INP
APD
0
0
0
0
1
1
1
1
Table A–4. Analog Control Register Description
REGISTER
DESCRIPTOR
FUNCTION
VALUE
DESCRIPTION
A(7)
ADM
ADC output mode
0
Normal operation
()
1
B inputs are monaural
A(6)
LRB
Selects left or
right B input for
0
B left input selected for monaural ADC output when bit 7 (ADM)
is set to 1
g
monaural output
1
B right input selected for monaural ADC output when bit 7 (ADM)
is set to 1
A(5)
XX
Reserved
0
()
1
A(4)
XX
Reserved
0
()
1
A(3–2)
DM(1–0)
De-emphasis
00
De-emphasis off, normal operation
(
)
(
)
control
01
De-emphasis for fS = 48 kHz
10
De-emphasis for fS = 44.1 kHz
11
Reserved
A(1)
INP
Analog input
0
A inputs selected
()
g
select
1
B inputs selected
A(0)
APD
Analog power
1
Powers down analog section
()
g
down
0
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com