Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 69 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 65Page - Texas Instruments TAS3004 Datasheet HTML 66Page - Texas Instruments TAS3004 Datasheet HTML 67Page - Texas Instruments TAS3004 Datasheet HTML 68Page - Texas Instruments TAS3004 Datasheet HTML 69Page - Texas Instruments TAS3004 Datasheet HTML 70Page - Texas Instruments TAS3004 Datasheet HTML 71Page - Texas Instruments TAS3004 Datasheet HTML 72Page - Texas Instruments TAS3004 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
A–3
Table A–1. I2C Register Map (Continued)
REGISTER
ADDRESS
NUMBER OF
BYTES
BYTE DESCRIPTION
Left loudness
biquad gain
0x23
3
LBG(23–16), LBG(15–8), LBG(7–0)
Right loudness
biquad gain
0x24
3
RBG(23–16), RBG(15–8), RBG(7–0)
Test
0x29
10
Reserved
Reserved
0x30 to 0xFF
Analog control
0x40
1
Anal_ctrl(7–0)
Test
0x41
1
Test
0x42
1
Main control 2
0x43
1
MCR2(7–0)
A.1 Main Control Register Map
A.1.1
Main Control Register 1
MCR 0X01
C(7)
C(6)
C(5)
C(4)
C(3)
C(2)
C(1)
C(0)
FL
SC
E1
E0
F1
F0
W1
W0
1
x
x
x
x
x
x
x
Table A–2. Main Control Register 1 Description
REGISTER
DESCRIPTOR
FUNCTION
VALUE
DESCRIPTION
C(7)
FL
Fast load
0
Normal operation mode
()
1
Fast load mode
C(6)
SC
SCLK frequency
0
SCLK = 32fS
()
qy
1
SCLK = 64fS
C(5–4)
E(1–0)
Serial port mode
00
Left justified
(
)
(
)
01
Right justified
10
I2S
11
Reserved
C(3)
XX
1
Reserved
C(2)
0
Download
C(1–0)
W(1–0)
Serial port word
00
16-bit
(
)
(
)
length
01
18-bit
10
20-bit
11
24-bit
A.1.2
Main Control Register 2
MCR2 0X43
C2(7)
C2(6)
C2(5)
C2(4)
C2(3)
C2(2)
C2(1)
C2(0)
DL
XX
XX
XX
XX
XX
AP
XX
1
0
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com