Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 52Page - Cirrus Logic CS8900A Datasheet HTML 53Page - Cirrus Logic CS8900A Datasheet HTML 54Page - Cirrus Logic CS8900A Datasheet HTML 55Page - Cirrus Logic CS8900A Datasheet HTML 56Page - Cirrus Logic CS8900A Datasheet HTML 57Page - Cirrus Logic CS8900A Datasheet HTML 58Page - Cirrus Logic CS8900A Datasheet HTML 59Page - Cirrus Logic CS8900A Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
56
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.9 Register 7: Transmit Configuration
(TxCFG, Read/Write, Address: PacketPage base + 0106h)
Each bit in TxCFG is an interrupt enable. When set, the interrupt is enabled as described below. When clear, there
is no interrupt.
000111
These bits provide an internal address used by the CS8900A to identify this as the Transmit
Configuration Register.
Loss-of-CRSiE
If the CS8900A starts transmitting on the AUI and does not see the Carrier Sense signal at the
end of the preamble, an interrupt is generated if this bit is set. Carrier Sense activity is reported
by the CRS bit (Register 14, LineST, Bit E).
SQErroriE
When set, an interrupt is generated if there is an SQE error. (At the end of a transmission on
the AUI, the CS8900A expects to see a collision within 64 bit times. If this does not happen,
there is an SQE error.)
TxOKiE
When set, an interrupt is generated if a packet is completely transmitted.
Out-of-windowiE
When set, an interrupt is generated if a late collision occurs (a late collision is a collision which
occurs after the first 512 bit times). When this occurs, the CS8900A forces a bad CRC and ter-
minates the transmission.
JabberiE
When set, an interrupt is generated if a transmission is longer than approximately 26 ms.
AnycolliE
When set, if one or more collisions occur during the transmission of a packet, an interrupt oc-
curs at the end of the transmission
16colliE
If the CS8900A encounters 16 normal collisions while attempting to transmit a particular packet,
the CS8900A stops attempting to transmit that packet. When this bit is set, there is an interrupt
upon detecting the 16th collision.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: 0000 0000 0000 0111
Notes: Bit 8 (TxOKiE) and Bit B (AnycolliE) are interrupts for normal transmit operation. Bits 6, 7, 9, A, and FNotes:
are interrupts for abnormal transmit operation.
765
4321
0
SQE erroriE
Loss-of-CRSiE
000111
F
E
DCBA
9
8
16colliE
AnycolliE
JabberiE
Out-of-window
TxOKiE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com