Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 94 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 94 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 90Page - Cirrus Logic CS8900A Datasheet HTML 91Page - Cirrus Logic CS8900A Datasheet HTML 92Page - Cirrus Logic CS8900A Datasheet HTML 93Page - Cirrus Logic CS8900A Datasheet HTML 94Page - Cirrus Logic CS8900A Datasheet HTML 95Page - Cirrus Logic CS8900A Datasheet HTML 96Page - Cirrus Logic CS8900A Datasheet HTML 97Page - Cirrus Logic CS8900A Datasheet HTML 98Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
94
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
5.5.2 Configuring the CS8900A for Auto-Switch
DMA
Auto-Switch DMA mode requires the same config-
uration as Receive-DMA-only mode, with one ex-
ception: the AutoRxDMAE bit (Register 3,
RxCFG, Bit A) must be set, and the RxDMAonly
bit (Register 3, RxCFG, Bit 9) must be clear (see
Section 5.4 on page 90, Configuring the CS8900A
for DMA Operation). In Auto-Switch DMA mode,
the CS8900A operates in non-DMA mode if possi-
ble, only switching to slave DMA if necessary.
Note that if the AutoRxDMAE bit and the RxDM-
Aonly bit (Register 3, RxCFG, bit 9) are both set,
the CS8900A uses DMA for all receive frames.
5.5.3 Auto-Switch DMA Operation
Whenever a frame begins to be received in Auto-
Switch DMA mode, the CS8900A checks to see if
there is enough on-chip buffer space to store a max-
imum length frame. If there is, the incoming frame
is pre-processed and buffered as normal. If there
isn’t, the CS8900A’s MAC engine compares the
frame’s Destination Address (DA) to the criteria
programmed into the DA filter. If the incoming DA
fails the DA filter, the frame is discarded. If the DA
passes the DA filter, the CS8900A automatically
switches to DMA mode and starts transferring the
frame(s) currently being held in the on-chip buffer
into host memory. This frees up buffer space for the
incoming frame.
Process the
CDMA Frames
Read the DMA frame Count (CDMA)
(PacketPage base + 0028h)
No
CDMA
= 0 ?
Host Enters Interrupt Routine
Process other events
that caused interrupt
Yes
No
RxDMA
Frame
bit set?
Process other events
that caused interrupt
Yes
Figure 25. RxDMA Only Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com