Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic CS8900A Datasheet HTML 73Page - Cirrus Logic CS8900A Datasheet HTML 74Page - Cirrus Logic CS8900A Datasheet HTML 75Page - Cirrus Logic CS8900A Datasheet HTML 76Page - Cirrus Logic CS8900A Datasheet HTML 77Page - Cirrus Logic CS8900A Datasheet HTML 78Page - Cirrus Logic CS8900A Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
DS271PP3
75
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
memory space. The other method limits memory
mapping to the first 1 Mbyte of host memory space.
General Memory Mode Operation: Configuring the
CS8900A so that its internal memory can be
mapped anywhere within host Memory space re-
quires the following:
•
a simple circuit must be added to decode the
Latchable Address bus (LA20 - LA23) and the
BALE signal.
•
the host must configure the external logic with
the correct address range as follows:
1) Check to see if the INITD bit (Register 16,
SelfST, bit 7) is set, indicating that initial-
ization is complete.
2) Check to see if the ELpresent bit (Register
16, SelfST, bit B) is set. This bit indicates
that external logic for the LA bus decode is
present.
3) Set the ELSEL bit of the EEPROM Com-
mand Register to activate the ELCS pin for
use with the external decode circuit.
4) Configure the external logic serially.
•
the host must write the memory base address
into the Memory Base Address register (Pack-
etPage base + 002Ch);
•
the host must set the MemoryE bit (Register 17,
BusCTL, Bit A); and
•
the host must set the UseSA bit (Register 17,
BusCTL, Bit 9).
Limiting Memory Mode to the First 1 Mbyte of
Host Memory Space: Configuring the CS8900A so
that its internal memory can be mapped only within
the first 1 Mbyte of host memory space requires the
following:
•
the CHIPSEL pin must be tied low;
•
the ISA-bus SMEMR signal must be connected
to the MEMR pin;
•
the ISA-bus SMEMW signal must be connect-
ed to the MEMW pin;
•
the host must write the memory base address
into the Memory Base Address register (Pack-
etPage base + 002Ch);
•
the host must set the MemoryE bit (Register 17,
BusCTL, Bit A); and
•
the host must clear the UseSA bit (Register 17,
BusCTL, Bit 9).
4.9.3 Basic Memory Mode Transmit
Memory Mode transmit operations occur in the fol-
lowing order (using interrupts):
1) The host bids for storage of the frame by writ-
ing the Transmit Command to the TxCMD reg-
ister (memory base + 0144h) and the transmit
frame length to the TxLength register (memory
base + 0146h). If the transmit length is errone-
ous, the command is discarded and the Tx-
BidErr bit (Register 18, BusST, Bit 7) is set.
2) The host reads the BusST register (Register 18,
memory base + 0138h). If the Rdy4TxNOW bit
(Bit 8) is set, the frame can be written. If clear,
the host must wait for CS8900A buffer memory
to become available. If Rdy4TxiE (Register B,
BufCFG, Bit 8) is set, the host will be interrupt-
ed when Rdy4Tx (Register C, BufEvent, Bit 8)
becomes set.
3) Once the CS8900A is ready to accept the
frame, the host executes repetitive memory-to-
memory move instructions (REP MOVS) to
memory base + 0A00h to transfer the entire
frame from host memory to CS8900A memory.
For a more detailed description of transmit, see
Section 5.7 on page 99.
4.9.4 Basic Memory Mode Receive
Memory Mode receive operations occur in the fol-
lowing order (interrupts used to signal the presence
of a valid receive frame):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com