Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 25Page - Cirrus Logic CS8900A Datasheet HTML 26Page - Cirrus Logic CS8900A Datasheet HTML 27Page - Cirrus Logic CS8900A Datasheet HTML 28Page - Cirrus Logic CS8900A Datasheet HTML 29Page - Cirrus Logic CS8900A Datasheet HTML 30Page - Cirrus Logic CS8900A Datasheet HTML 31Page - Cirrus Logic CS8900A Datasheet HTML 32Page - Cirrus Logic CS8900A Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
DS271PP3
29
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
tion and test. Programmable MAC features include
automatic retransmission on collision, and padding
of transmitted frames.
Figure 8 shows how the MAC engine interfaces to
other CS8900A functions. On the host side, it inter-
faces to the CS8900A’s internal data/address/con-
trol bus. On the network side, it interfaces to the
internal Manchester encoder/decoder (ENDEC).
The primary functions of the MAC are: frame en-
capsulation and decapsulation; error detection and
handling; and, media access management.
3.9.2 Frame Encapsulation and Decapsulation
The CS8900A’s MAC engine automatically as-
sembles transmit packets and disassembles receive
packets. It also determines if transmit and receive
frames are of legal minimum size.
3.9.2.1 Transmission
Once the proper number of bytes have been trans-
ferred to the CS8900A’s memory (either 5, 381,
1021 bytes, or full frame), and providing that ac-
cess to the network is permitted, the MAC automat-
ically transmits the 7-byte preamble (1010101b...),
followed by the Start-of-Frame Delimiter (SFD,
10101011b), and then the serialized frame data. It
then transmits the Frame Check Sequence (FCS).
The data after the SFD and before the FCS (Desti-
nation Address, Source Address, Length, and data
field) is supplied by the host. FCS generation by the
CS8900A may be disabled by setting the Inhibit-
CRC bit (Register 9, TxCMD, bit C).
Figure 9 shows the Ethernet frame format.
3.9.2.2 Reception
The MAC receives the incoming packet as a serial
stream of NRZ data from the Manchester encod-
er/decoder. It begins by checking for the SFD.
Once the SFD is detected, the MAC assumes all
subsequent bits are frame data. It reads the DA and
compares it to the criteria programmed into the ad-
dress filter (see Section 5.3 on page 87 for a de-
scription of Address Filtering). If the DA passes the
address filter, the frame is loaded into the
CS8900A’s memory. If the BufferCRC bit (Regis-
ter 3, RxCFG, bit B) is set, the received FCS is also
loaded into memory. Once the entire packet has
been received, the MAC validates the FCS. If an er-
ror is detected, the CRCerror bit (Register 4, Rx-
Event, Bit C) is set.
3.9.2.3 Enforcing Minimum Frame Size
The MAC provides minimum frame size enforce-
802.3
MAC
Engine
Encoder/
Decoder
&
PLL
LED
Logic
CS8900A
Internal Bus
10BASE-T
& AUI
Figure 8. MAC Interface
1 byte
up to 7 bytes
6 bytes
6 bytes
2 bytes
LLC data
Pad
FCS
4 bytes
preamble
frame length
min 64 bytes
max 1518 bytes
alternating 1s / 0s
SFD
DA
SA
SFD = Start of Frame Delimiter
DA = Destination Address
SA = Source Address
Direction of Transmission
Frame
Packet
LLC = Logical Link Control
FCS = Frame Check Sequence (also
called Cyclic Redundancy Check, or CRC)
Length Field
Figure 9. Ethernet Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com