Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 40Page - Cirrus Logic CS8900A Datasheet HTML 41Page - Cirrus Logic CS8900A Datasheet HTML 42Page - Cirrus Logic CS8900A Datasheet HTML 43Page - Cirrus Logic CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic CS8900A Datasheet HTML 47Page - Cirrus Logic CS8900A Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
44
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.3.5 DMA Start of Frame
(Read only, Address: PacketPage base + 0026h)
The DMA Start of Frame Register contains a 16-bit value which defines the offset from the DMA base address to
the start of the most recently transferred received frame. See Section 5.4 on page 90.
Reset value is: 0000 0000 0000 0000
4.3.6 DMA Frame Count
(Read only, Address: PacketPage base + 0028h)
The lower 12 bits of the DMA Frame Count register define the number of valid frames transferred via DMA since the
last readout of this register. The upper 4 bits are reserved. See Section 5.4 on page 90.
Reset value is: XXXX 0000 0000 0000
4.3.7 RxDMA Byte Count
(Read only, Address: PacketPage base + 002Ah)
The RxDMA Byte Count register describes the valid number of bytes DMAed since the last readout. See Section 5.4
on page 90.
Reset value is: 0000 0000 0000 0000
4.3.8 Memory Base Address
(Read/Write, Address: PacketPage base + 002Ch)
Memory Base Address: The lower three bytes (002Ch, 002Dh, and 002Eh) are used for the 20-bit memory base
address. The upper three nibbles are reserved.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: XXXX XXXX XXXX 0000 0000 0000 0000 0000
Address 0027h
Address 0026h
Most significant byte of offset value
Least significant byte of offset value
Address 0029h
Address 0028h
Most significant byte of frame count
(most-significnant nibble always 0h)
Least significant byte of frame count
Address 002Bh
Address 002Ah
Most significant byte of byte count
Least significant byte of byte count
Address 002Fh
Address 002Eh
Address 002Dh
Address 002Ch
Reserved
The most significant nibble of
memory base address. The
high-order nibble is reserved.
Contains portion of memory
base address.
The least significant byte of
the memory base address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com