Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 58Page - Cirrus Logic CS8900A Datasheet HTML 59Page - Cirrus Logic CS8900A Datasheet HTML 60Page - Cirrus Logic CS8900A Datasheet HTML 61Page - Cirrus Logic CS8900A Datasheet HTML 62Page - Cirrus Logic CS8900A Datasheet HTML 63Page - Cirrus Logic CS8900A Datasheet HTML 64Page - Cirrus Logic CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
62
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.15 Register 10: Transmit Collision Counter
(TxCOL, Read-only, Address: PacketPage base + 0132h)
The TxCOL counter (Bits 6 through F) is incremented whenever the 10BASE-T Receive Pair (RXD+ / RXD-) or AUI
Collision Pair (CI+ / CI-) becomes active while a packet is being transmitted. If the TxColOvfiE bit (Register B,
BufCFG, Bit C) is set, there is an interrupt when TxCOL increments from 1FFh to 200h. This interrupt provides the
host with an early warning that the TxCOL counter should be read before it reaches 3FFh and starts over (by inter-
rupting at 200h, the host has an additional 512 counts before TxCOL actually overflows). The TxCOL counter is
cleared when read.
010010
These bits provide an internal address used by the CS8900A to identify this as the Transmit
Collision Counter. When reading this register, these bits will be 010010, where the LSB corre-
sponds to Bit 0.
ColCount
The upper ten bits contain the number of collisions.
Reset value is: 0000 0000 0001 0010
765
4321
0
ColCount
010010
F
E
DCBA
9
8
ColCount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com