Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 42Page - Cirrus Logic CS8900A Datasheet HTML 43Page - Cirrus Logic CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic CS8900A Datasheet HTML 47Page - Cirrus Logic CS8900A Datasheet HTML 48Page - Cirrus Logic CS8900A Datasheet HTML 49Page - Cirrus Logic CS8900A Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
46
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.3.11 EEPROM Command
(Read/Write, Address: PacketPage base + 0040h)
This register is used to control the reading, writing and erasing of the EEPROM. See Section 3.5.
ADD7-ADD0
Address of the EEPROM word being accessed.
OB1,OB0
Indicates the Opcode of the command being executed. See Table 7.
ELSEL
External logic select: When clear, the EECS pin is used to select the EEPROM. When set, the
ELCS pin is used to select the external LA decode circuit.
Reserved
Reserved and must be written as 0.
Reset value is: XXXX XXXX XXXX XXXX
4.3.12 EEPROM Data
(Read/Write, Address: PacketPage base + 0042h)
This register contains the word being written to, or read from, the EEPROM. See Section 3.5 on page 24.
Reset value is: XXXX XXXX XXXX XXXX
4.3.13 Receive Frame Byte Counter
(Read only, Address: PacketPage base + 0050h)
This register contains the count of the total number bytes received in the the current received frame. This count con-
tinuously increments as more bytes in this frame are received. See Section 5.2.9 on page 87.
Reset value is: XXXX XXXX XXXX XXXX
765
4321
0
ADD7 to ADD0
F
E
DCBA
9
8
Reserved
ELSEL
OB1
OB0
Address 0043h
Address 0042h
Most significant byte of the EEPROM data.
Least significant byte of the EEPROM data.
Address 0051h
Address 0050h
Most significant byte of the byte count.
Least significant byte of the byte count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com