Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 89Page - Cirrus Logic CS8900A Datasheet HTML 90Page - Cirrus Logic CS8900A Datasheet HTML 91Page - Cirrus Logic CS8900A Datasheet HTML 92Page - Cirrus Logic CS8900A Datasheet HTML 93Page - Cirrus Logic CS8900A Datasheet HTML 94Page - Cirrus Logic CS8900A Datasheet HTML 95Page - Cirrus Logic CS8900A Datasheet HTML 96Page - Cirrus Logic CS8900A Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
DS271PP3
93
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
In the interrupt service routine, the BufEvent regis-
ter (register C), bit RxDMA Frame (bit 7) indicates
that one or more receive frames were transferred
using DMA. The software driver should maintain a
pointer (e.g. PDMA_START) that will point to the
beginning of a new frame. After the CS8900A is
initialized and before any frame is received, pointer
PDMA_START points to the beginning of the
DMA buffer memory area. The first read of the
DMA Frame Count, CDMA, commits the memory
covered by the CDMA count, and the DMA cannot
overwrite this committed space until the space is
freed. The driver then processes the frames de-
scribed by the CDMA count and makes a second
read of the DMA frame count. This second read
frees the buffer memory space described by the
CDMA counter.
During the frame processing, the software should
advance the PDMA_START pointer. At the end of
processing a
frame, pointer
PDMA_START
should be made to align with a double-word bound-
ary. The software remains in the loop until the
DMA frame count read is zero.
5.5 Auto-Switch DMA
5.5.1 Overview
The CS8900A supports a unique feature, Auto-
Switch DMA, that allows it to switch between
Memory or I/O mode and Receive DMA automati-
cally. Auto-Switch DMA allows the CS8900A to
realize the performance advantages of Memory or
I/O mode while minimizing the number of missed
frames that could result due to slow processing by
the host.
RxStatus - Frame 1
RxLength - Frame 1
RxStatus - Frame 2
RxLength - Frame 2
Frame 2
RxStatus - Frame 3
RxLength - Frame 3
Frame 3
DMA Buffer
Base Address
Frame 1
DMA Byte Count
(PacketPage base + 012Ah)
DMA Start of Frame
register (PacketPage
base + 0126H)
points here.
"Holes" due to
double-word
alignment
Figure 24. Example of Frames Stored in DMA Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com