Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 38Page - Cirrus Logic CS8900A Datasheet HTML 39Page - Cirrus Logic CS8900A Datasheet HTML 40Page - Cirrus Logic CS8900A Datasheet HTML 41Page - Cirrus Logic CS8900A Datasheet HTML 42Page - Cirrus Logic CS8900A Datasheet HTML 43Page - Cirrus Logic CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
42
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.3 Bus Interface Registers
4.3.1 Product Identification Code
(Read only, Address: PacketPage base + 0000h)
The Product Identification Code Register is located in the first four bytes of the PacketPage (0000h to 0003h). The
register contains a unique 32-bit product ID code that identifies the chip as a CS8900A. The host can use this num-
ber to determine which software driver to load and to check which features are available.
Reset value is: 0000 1110 0110 0011 0000 0000 000X XXXX
The X XXXX codes for the CS8900A are:
Rev B: 0 0111
4.3.2 I/O Base Address
(Read/Write, Address: PacketPage base + 0020h)
The I/O Base Address Register describes the base address for the sixteen contiguous locations in the host system’s
I/O space, which are used to access the PacketPage registers. See Section 4.10 on page 76. The default location
is 0300h.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: 0000 0011 0000 0000
Address 0000h
Adress 0001h
Address 0002h
Address 00003h
First byte of EISA registration
number for
Crystal Semiconductor
Second byte of EISA
registration number for Crys-
tal Semiconductor
First 8 bits of
Product ID number
Last 3 bits of the Product ID
number (5 “X” bits are the revi-
sion number)
Address 0021h
Address 0020h
Most significant byte of I/O Base Address
Least significant byte of I/O Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com