Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 29Page - Cirrus Logic CS8900A Datasheet HTML 30Page - Cirrus Logic CS8900A Datasheet HTML 31Page - Cirrus Logic CS8900A Datasheet HTML 32Page - Cirrus Logic CS8900A Datasheet HTML 33Page - Cirrus Logic CS8900A Datasheet HTML 34Page - Cirrus Logic CS8900A Datasheet HTML 35Page - Cirrus Logic CS8900A Datasheet HTML 36Page - Cirrus Logic CS8900A Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
DS271PP3
33
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
3.9.5.6 Late Collisions
If a collision is detected after the first 512 bits have
been transmitted, the MAC immediately terminates
transmission, transmits the jam sequence, discards
the packet, and sets the Out-of-window bit (Regis-
ter 8, TxEvent, Bit 9). The CS8900A does not ini-
tiate backoff or attempt to retransmit the frame. For
additional information about Late Collisions, see
Out-of-Window Error in this section.
3.9.5.7 Backoff
After the MAC has completed transmitting the jam
sequence, it must wait, or "Back off", before at-
tempting to transmit again. The amount of time it
must wait is determined by one of two Backoff al-
gorithms:
the
Standard
Backoff
algorithm
(ISO/IEC 4.2.3.2.5) or the Modified Backoff algo-
rithm. The host selects which algorithm through
the ModBackoffE bit (Register 13, LineCTL,
Bit B).
3.9.5.8 Standard Backoff
The Standard Backoff algorithm, also called the
"Truncated Binary Exponential Backoff", is de-
scribed by the equation:
0
≤ r ≤ 2k
where r (a random integer) is the number of slot
times the MAC must wait (1 slot time = 512 bit
times), and k is the smaller of n or 10, where n is the
number of retransmission attempts.
3.9.5.9 Modified Backoff
The Modified Backoff is described by the equation:
0
≤ r ≤ 2k
where r (a random integer) is the number of slot
times the MAC must wait, and k is 3 for n < 3 and
k is the smaller of n or 10 for n
≥ 3, where n is the
number of retransmission attempts.
The advantage of the Modified Backoff algorithm
over the Standard Backoff algorithm is that it re-
duces the possibility of multiple collisions on the
first three retries. The disadvantage is that it ex-
tends the maximum time needed to gain access to
the network for the first three retries.
The host may choose to disable the Backoff algo-
rithm altogether by setting the DisableBackoff bit
(Register 19, TestCTL, Bit B). When disabled, the
CS8900A only waits the 9.6 µs IPG time before
starting transmission.
3.9.5.10 SQE Test
If the CS8900A is transmitting on the AUI, the ex-
ternal transceiver should generate an SQE Test sig-
nal
on
the
CI+/CI-
pair
following
each
transmission. The SQE Test is a 10 MHz signal
lasting 5 to 15 bit times and starting within 0.6 to
Tx
Frame
Ready
and Not
in Backoff?
Transmit
Frame
Start Monitoring
Network Activity
Network
Active?
Network
Active?
Yes
No
Yes
No
No
Yes
Wait
9.6
µs
Figure 11. Simple Deferral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com