Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 70Page - Cirrus Logic CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic CS8900A Datasheet HTML 73Page - Cirrus Logic CS8900A Datasheet HTML 74Page - Cirrus Logic CS8900A Datasheet HTML 75Page - Cirrus Logic CS8900A Datasheet HTML 76Page - Cirrus Logic CS8900A Datasheet HTML 77Page - Cirrus Logic CS8900A Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
74
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
Failure to observe these three rules may cause data
corruption.
4.8.1 Transferring Odd-Byte-Aligned Data
Some applications gather transmit data from more
than one section of host memory. The boundary be-
tween the various memory locations may be either
even- or odd-byte aligned. When such a boundary
is odd-byte aligned, the host should transfer the last
byte of the first block to an even address, followed
by the first byte of the second block to the follow-
ing odd address. It can then resume word transfers.
An example of this is shown in Figure 17.
4.8.2 Random Access to CS8900A Memory
The first 118 bytes of a receive frame held in the
CS8900A’s on-chip memory may be randomly ac-
cessed in Memory mode. After the first 118 bytes,
only sequential access of received data is allowed.
Either byte or word access is permitted, as long as
all word accesses are executed to even-byte bound-
aries.
4.9 Memory Mode Operation
To configure the CS8900A for Memory Mode, the
PacketPage memory must be mapped into a contig-
uous 4-kbyte block of host memory. The block
must start at an X000h boundary, with the Pack-
etPage base address mapped to X000h. When the
CS8900A comes out of reset, its default configura-
tion is I/O Mode. Once Memory Mode is selected,
all of the CS8900A’s registers can be accessed di-
rectly.
In Memory Mode, the CS8900A supports Standard
or Ready Bus cycles without introducing additional
wait states.
Memory moves can use MOVD (double-word
transfers) as long as the CS8900A’s memory base
address is on a double word boundary. Since 286
processors don’t support the MOVD instruction,
word and byte transfers must be used with a 286.
4.9.1 Accesses in Memory Mode
The CS8900A allows Read/Write access to the in-
ternal PacketPage memory, and Read access of the
optional Boot PROM. (See Section 3.7 on page 26
for a description of the optional Boot PROM.)
A memory access occurs when all of the following
are true:
•
The address on the ISA System Address bus
(SA0 - SA19) is within the Memory space
range of the CS8900A or Boot PROM.
•
The CHIPSEL input pin is low.
•
Either the MEMR pin or the MEMW pin is low.
4.9.2 Configuring the CS8900A for Memory
Mode
There are two different methods of configuring the
CS8900A for Memory Mode operation. One meth-
od allows the CS8900A's internal memory to be
mapped anywhere within the host system's 24-bit
Word Transfer
Word Transfer
Byte Transfer
Word Transfer
Word Transfer
Byte Transfer
Word Transfer
Word Transfer
First Block of Data
Second Block of Data
Figure 17. Odd-Byte Aligned Data
Description Mnemonic Read/Write
Location:
PocketPage
base +
Receive
Status
RxStatus
Read-only
0400h-0401h
Receive
Length
RxLength
Read-only
0402h-0403h
Receive
Frame
RxFrame
Read-only starts at 0404h
Transmit
Frame
TxFrame
Write-only starts at 0A00h
Table 16. Receive/Transmit Memory Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com