Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 73Page - Cirrus Logic CS8900A Datasheet HTML 74Page - Cirrus Logic CS8900A Datasheet HTML 75Page - Cirrus Logic CS8900A Datasheet HTML 76Page - Cirrus Logic CS8900A Datasheet HTML 77Page - Cirrus Logic CS8900A Datasheet HTML 78Page - Cirrus Logic CS8900A Datasheet HTML 79Page - Cirrus Logic CS8900A Datasheet HTML 80Page - Cirrus Logic CS8900A Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
DS271PP3
77
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
three bits (C, D, and E) are read-only and will al-
ways read as 011b. Any convenient value may be
written to these bits when writing to the PacketPage
Pointer Port. The last bit (Bit F) indicates whether
or not the PacketPage Pointer should be auto-incre-
mented to the next word location. Figure 18 shows
the structure of the PacketPage Pointer.
4.10.6 PacketPage Data Ports 0 and 1
The PacketPage Data Ports are used to transfer data
to and from any of the CS8900A’s internal regis-
ters. Port 0 is used for 16-bit operations and Port 0
and 1 are used for 32-bit operations (lower-order
word in Port 0).
4.10.7 I/O Mode Operation
For an I/O Read or Write operation, the AEN pin
must be low, and the 16-bit I/O address on the ISA
System Address bus (SA0 - SA15) must match the
address space of the CS8900A. For a Read, the IOR
pin must be low, and for a Write, the IOW pin must
be low.
Note: The ISA Latchable Address Bus (LA17 -
LA23) is not needed for applications that use only
I/O Mode and Receive DMA operation.
4.10.8 Basic I/O Mode Transmit
I/O Mode transmit operations occur in the follow-
ing order (using interrupts):
1) The host bids for storage of the frame by writ-
ing the Transmit Command to the TxCMD Port
(I/O base + 0004h) and the transmit frame
length to the TxLength Port (I/O base + 0006h).
2) The host reads the BusST register (Register 18)
to see if the Rdy4TxNOW bit (Bit 8) is set. To
read the BusST register, the host must first set
the PacketPage Pointer at the correct location
by writing 0138h to the PacketPage Pointer
Port (I/O base + 000Ah). It can then read the
BusST register from the PacketPage Data Port
(I/O base + 000Ch). If Rdy4TxNOW is set, the
frame can be written. If clear, the host must
wait for CS8900A buffer memory to become
available. If Rdy4TxiE (Register B, BufCFG,
Bit 8) is set, the host will be interrupted when
Rdy4Tx (Register C, BufEvent, Bit 8) becomes
set. If the TxBidErr bit (Register 18, BusST, Bit
7) is set, the transmit length is not valid.
3) Once the CS8900A is ready to accept the
frame, the host executes repetitive write in-
structions (REP OUT) to the Receive/Transmit
Data Port (I/O base + 0000h) to transfer the en-
tire frame from host memory to CS8900A
memory.
For a more detailed description of transmit, see
Section 5.7 on page 99.
4.10.9 Basic I/O Mode Receive
I/O Mode receive operations occur in the following
order (In this example, interrupts are enabled to
signal the presence of a valid receive frame):
1) A frame is received by the CS8900A, triggering
an enabled interrupt.
2) The host reads the Interrupt Status Queue Port
(I/O base + 0008h) and is informed of the re-
ceive frame.
3) The host reads the frame data by executing re-
petitive read instructions (REP IN) from the
Receive/Transmit Data Port (I/O base + 0000h)
to transfer the frame from CS8900A memory to
10
32
5
4
76
PacketPage Register Address
98
BA
DC
F E
I/O base + 000Bh
I/O base + 000Ah
Bit F: 0 = Pointer remains fixed
1 = Auto-Increments to next word location
Figure 18. PacketPage Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com