Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 32Page - Cirrus Logic CS8900A Datasheet HTML 33Page - Cirrus Logic CS8900A Datasheet HTML 34Page - Cirrus Logic CS8900A Datasheet HTML 35Page - Cirrus Logic CS8900A Datasheet HTML 36Page - Cirrus Logic CS8900A Datasheet HTML 37Page - Cirrus Logic CS8900A Datasheet HTML 38Page - Cirrus Logic CS8900A Datasheet HTML 39Page - Cirrus Logic CS8900A Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
36
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
3.11.2 Transmitter
When
configured
for
10BASE-T
operation,
Manchester encoded data from the ENDEC is fed
into the transmitter’s predistortion circuit where
initial wave shaping and preequalization is per-
formed. The output of the predistortion circuit is
fed into the transmit filter where final wave shaping
occurs and unwanted noise is removed. The signal
then passes to the differential driver where it is am-
plified and driven out of the TXD+/TXD- pins.
In the absence of transmit packets, the transmitter
generates link pulses in accordance with section
14.2.1.1. of the Ethernet standard. Transmitted link
pulses are positive pulses, one bit time wide, typi-
cally generated at a rate of one every 16 ms. The
16 ms timer starts whenever the transmitter com-
pletes an End-of-Frame (EOF) sequence. Thus,
there is a link pulse 16 ms after an EOF unless there
is another transmitted packet. Figure 14 diagrams
the operation of the Link Pulse Generator.
If no link pulses are being received on the receiver,
the 10BASE-T transmitter is internally forced to an
inactive state unless bit DisableLT in register 19
(Test Control register) is set to one.
3.11.3 Receiver
The 10BASE-T receive section consists of the re-
ceive filter, squelch circuit, polarity detection and
correction circuit, and link pulse detector.
3.11.3.1 Squelch Circuit
The 10BASE-T squelch circuit determines when
valid data is present on the RXD+/RXD- pair. In-
coming signals passing through the receive filter
are tested by the squelch circuit. Any signal with
amplitude less than the squelch threshold (either
positive or negative, depending on polarity) is re-
jected.
3.11.3.2 Extended Range
The CS8900A supports an Extended Range feature
that reduces the 10BASE-T receive squelch thresh-
old by approximately 6 dB. This allows the
CS8900A to operate with 10BASE-T cables that
are longer than 100 meters (100 meters is the max-
imum length specified by the Ethernet standard).
The exact additional distance depends on the qual-
ity of the cable and the amount of electromagnetic
noise in the surrounding environment. To activate
this feature, the host must set the LoRxSquelch bit
(Register 13, LineCTL, Bit E).
3.11.4 Link Pulse Detection
To prevent disruption of network operation due to
a faulty link segment, the CS8900A continually
monitors the 10BASE-T receive pair (RXD+/
RXD-) for packets and link pulses. After each
packet or link pulse is received, an internal Link-
Loss timer is started. As long as a packet or link
pulse is received before the Link-Loss timer finish-
es (between 25 and 150 ms), the CS8900A main-
tains normal operation. If no receive activity is
detected, the CS8900A disables packet transmis-
sion to prevent "blind" transmissions onto the net-
work (link pulses are still sent while packet
transmission is disabled). To reactivate transmis-
sion, the receiver must detect a single packet (the
packet itself is ignored), or two link pulses separat-
Time
Link
Pulse
Link
Pulse
16ms
16ms
Less Than
16ms
Packet
Packet
Figure 14. Link Pulse Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com