Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 62Page - Cirrus Logic CS8900A Datasheet HTML 63Page - Cirrus Logic CS8900A Datasheet HTML 64Page - Cirrus Logic CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic CS8900A Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
66
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.19 Register 16: Self Status
(SelfST, Read-only, Address: PacketPage base + 0136h)
SelfST reports the status of the EEPROM interface and the initialization process.
010110
These bits provide an internal address used by the CS8900A to identify this as the Chip Self
Status Register. When reading this register, these bits will be 010110, where the LSB corre-
sponds to Bit 0.
3,3VActive
If the CS8900A is operating on a 3.3V supply, this bit is set. If the CS8900A is operating on a
5V supply, this bit is clear.
INITD
If set, the CS8900A initialization, including read-in of the EEPROM, is complete.
SIBUSY
If set, the EECS output pin is high indicating that the EEPROM is currently being read or pro-
grammed. The host must not write to PacketPage base + 0040h nor 0042h until SIBUSY is
clear.
EEPROMpresent
If the EEDataIn pin is low after reset, there is no EEPROM present, and the EEPROMpresent
bit is clear. If the EEDataIn pin is high after reset, the CS8900A "assumes" that an EEPROM
is present, and this bit is set.
EEPROMOK
If set, the checksum of the EEPROM readout was OK.
ELpresent
If set, external logic for Latchable Address bus decode is present.
EEsize
This bit shows the size of the attached EEPROM and is valid only if the EEPROMpresent bit
(Bit 9) and EEPROMOK bit (Bit A) are both set. If clear, the EEPROM size is either 128 words
(’C56 or ’CS56) or 256 words (C66 or ’CS66). If set, the EEPROM size is 64 words (’C46 or
’CS46).
Reset value is: 0000 0000 0001 0110
765
4321
0
INITD
3.3V Active
010110
F
E
DCBA
9
8
EEsize
ELPresent
EEPROM OK
EEPROM
present
SIBUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com