Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 56Page - Cirrus Logic CS8900A Datasheet HTML 57Page - Cirrus Logic CS8900A Datasheet HTML 58Page - Cirrus Logic CS8900A Datasheet HTML 59Page - Cirrus Logic CS8900A Datasheet HTML 60Page - Cirrus Logic CS8900A Datasheet HTML 61Page - Cirrus Logic CS8900A Datasheet HTML 62Page - Cirrus Logic CS8900A Datasheet HTML 63Page - Cirrus Logic CS8900A Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
60
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.13 Register C: Buffer Event
(BufEvent, Read-only, Address: PacketPage base + 012Ch)
BufEvent gives the status of the transmit and receive buffers.
001100
These bits provide an internal address used by the CS8900A to identify this as the Buffer Event
Register. When reading this register, these bits will be 001100, where the LSB corresponds to
Bit 0.
SWint
If set, there has been a software initiated interrupt. This bit is used in conjunction with the SWint-
X bit (Register B, BufCFG, Bit 6).
RxDMAFrame
If set, one or more received frames have been transferred by slave DMA. If RxDMAiE (Register
B, BufCFG, Bit 7) is set, there is an interrupt.
Rdy4Tx
If set, the CS8900A is ready to accept a frame from the host for transmission. If Rdy4TxiE (Reg-
ister B, BufCFG, Bit 8) is set, there is an interrupt. (See Section 5.7 on page 99 for a description
of the transmit bid process.)
TxUnderrun
This bit is set if CS8900A runs out of data before it reaches the end of the frame (called a trans-
mit underrun). If TxUnderruniE (Register B, BufCFG, Bit 9) is set, there is an interrupt.
RxMiss
If set, one or more receive frames have been lost due to slow movement of data out of the re-
ceive buffers. If RxMissiE (Register B, BufCFG, Bit A) is set, there is an interrupt.
Rx128
This bit is set after the first 128 bytes of an incoming frame have been received. This bit will
allow the host the option of preprocessing frame data before the entire frame is received. If
Rx128iE (Register B, BufCFG, Bit B) is set, there is an interrupt.
RxDest
When set, this bit shows that a receive frame has passed the Destination Address Filter criteria
as defined in the RxCTL register (Register 5). This bit is useful as an early indication of an in-
coming frame. It will be earlier than Rx128 (Register C, BufEvent, Bit B). If RxDestiE (Register
B, BufCFG, Bit F) is set, there is an interrupt.
Reset value is:
0000 0000 0000 1100
Notes: With any event register, like BufEvent, all bits are cleared upon readout. The host is responsible for
processing all event bits.
765
4321
0
RxDMA frame
SWint
001100
F
E
DCBA
9
8
RxDest
Rx128
RxMiss
TxUnder run
Rdy4Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com