Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 60Page - Cirrus Logic CS8900A Datasheet HTML 61Page - Cirrus Logic CS8900A Datasheet HTML 62Page - Cirrus Logic CS8900A Datasheet HTML 63Page - Cirrus Logic CS8900A Datasheet HTML 64Page - Cirrus Logic CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
64
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.17 Register 14: Line Status
(LineST, Read-only, Address: PacketPage base + 0134h)
LineST reports the status of the Ethernet physical interface.
010100
These bits provide an internal address used by the CS8900A to identify this as the Line Status
Register. When reading this register, these bits will be 010100, where the LSB corresponds to
Bit 0.
LinkOK
If set, the 10BASE-T link has not failed. When clear, the link has failed, either because the
CS8900A has just come out of reset, or because the receiver has not detected any activity (link
pulses or received packets) for at least 50 ms.
AUI
If set, the CS8900A is using the AUI.
10BT
If set, the CS8900A is using the 10BASE-T interface.
PolarityOK
If set, the polarity of the 10BASE-T receive signal (at the RXD+ / RXD- inputs) is correct. If clear,
the polarity is reversed. If PolarityDis (Register 13, LineCTL, Bit C) is clear, the polarity is auto-
matically corrected, if needed. The PolarityOK status bit shows the true state of the incoming
polarity independent of the PolarityDis control bit. Thus, if PolarityDis is clear and PolarityOK is
clear, then the receive polarity is inverted, and corrected.
CRS
This bit tells the host the status of an incoming frame. If CRS is set, a frame is currently being
received. CRS remains asserted until the end of frame (EOF). At EOF, CRS goes inactive in
about 1.3 to 2.3 bit times after the last low-to-high transition of the recovered data.
Reset value is:
0000 0000 0001 0100
765
4321
0
LinkOK
010100
F
E
DCBA
9
8
CRS
PolarityOK
10BT
AUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com