Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 95 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 95 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 91Page - Cirrus Logic CS8900A Datasheet HTML 92Page - Cirrus Logic CS8900A Datasheet HTML 93Page - Cirrus Logic CS8900A Datasheet HTML 94Page - Cirrus Logic CS8900A Datasheet HTML 95Page - Cirrus Logic CS8900A Datasheet HTML 96Page - Cirrus Logic CS8900A Datasheet HTML 97Page - Cirrus Logic CS8900A Datasheet HTML 98Page - Cirrus Logic CS8900A Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
DS271PP3
95
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
Figure 26 shows the steps the CS8900A goes
through in determining when to automatically
switch to DMA.
Whenever the CS8900A automatically enters
DMA, at least one complete frame is already stored
in the on-chip buffer. Because frames are trans-
ferred to the host in the same order as received (first
in, first out), the beginning of the received frame
that triggered the switch to DMA is not the first
frame to be transferred. Instead, the oldest noncom-
mitted frame in the on-chip buffer is the first frame
to use DMA. When DMA begins, any pending Rx-
Event reports in the Interrupt Status Queue are dis-
carded because the host cannot process those
events until the corresponding frames have been
completely DMAed.
Auto-Switch DMA works only on entire received
frames. The CS8900A does not use Auto-Switch
DMA to transfer partial frames. Also, when a frame
has been committed (see Section 5.2.5 on page 84),
the CS8900A will not switch to DMA mode until
the committed frame has been transferred com-
pletely or skipped.
After a complete frame has been moved to host
memory, the CS8900A updates the DMA Start-of-
Frame register (PacketPage base + 0126h), the
DMA Frame Count register (PacketPage base +
0128h), and the DMA Byte Count register, then
sets the RxDMAFrame bit (Register C, BufEvent,
bit 7). If RxDMAiE (Register B, BufCFG, bit 7) is
set, a corresponding interrupt occurs.
5.5.4 DMA Channel Speed vs. Missed Frames
When the CS8900A starts DMA, the entire oldest,
noncommitted frame must be placed in host mem-
ory before on-chip buffer space will be freed for the
next incoming frame. If the oldest frame is relative-
ly large, and the next incoming frame also large,
the incoming frame may be missed, depending on
the speed of the DMA channel. If this happens, the
CS8900A will increment the RxMiss counter (Reg-
ister 10) and clear any event reports (RxEvent and
BufEvent) associated with the missed frame.
5.5.5 Exit From DMA
When the CS8900A has activated receive DMA, it
remains in DMA mode until all of the following are
true:
•
The host processes all RxEvent and BufEvent
reports pending in the ISQ.
All Frames
use DMA
Yes
Yes
No
No
Yes
No
No
Yes
Frame
Discarded
Frame Buffered
in On-chip RAM
Auto-Switch
DMA Disabled
Packet Received
Auto-Switch to DMA
Frame
Passed the
DA filter?
RxDMA only
Bit=1
More
Buffer Space
Available?
AutoRxDMA
Bit=1?
Figure 26. Conditions for Switching to DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com