Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic CS8900A Datasheet HTML 70Page - Cirrus Logic CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic CS8900A Datasheet HTML 73Page - Cirrus Logic CS8900A Datasheet HTML 74Page - Cirrus Logic CS8900A Datasheet HTML 75Page - Cirrus Logic CS8900A Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
72
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.6 Address Filter Registers
4.6.1 Logical Address Filter (hash table)
(Read/Write, Address: PacketPage base + 0150h)
The CS8900A hashing decoder circuitry compares its output with one bit of the Logical Address Filter Register. If
the decoder output and the Logical Address Filter bit match, the frame passes the hash filter and the Hashed bit
(Register 4, RxEvent, Bit 9) is set. See Section 5.3 on page 87.
Reset value is: 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000
4.6.2 Individual Address (IEEE address)
(Read/Write, Address: PacketPage base + 0158h)
The unique, IEEE 48-bit Individual Address (IA) begins at 0158h. The first bit of the IA (Bit IA[00]) must be "0". See
Section 5.3 on page 87.
The value of this register must be loaded from external storage, for example, from the EEPROM. See Section 3.3
on page 19. If the CS8900A is not able to load the IA from the EEPROM, then after a reset this register is undefined,
and the driver must write an address to this register.
Address 0157h Address 0156h Address 0155h Address 0154h Address 0153h Address 0152h Address 0151h Address 0150h
Most-signifi-
cant byte of
hash filter.
Least-signifi-
cant byte of
hash filter.
Address 0015Dh
Address 0015Ch
Address 0015Bh
Address 0015Ah
Address 0159h
Address 00158h
Octet 5 of IA
Octet 0 of IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com