Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic CS8900A Datasheet HTML 70Page - Cirrus Logic CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic CS8900A Datasheet HTML 73Page - Cirrus Logic CS8900A Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
70
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.23 Register 1C: AUI Time Domain Reflectometer
(Read-only, Address: PacketPage base + 013Ch)
The TDR counter (Bits 6 through F) is a time domain reflectometer useful in locating cable faults in 10BASE-2 and
10BASE-5 coax networks. It counts at a 10 MHz rate from the beginning of transmission on the AUI to when a col-
lision or Loss-of-Carrier error occurs. The TDR counter is cleared when read.
011100
These bits provide an internal address used by the CS8900A to identify this as the Bus Status
Register. When reading this register, these bits will be 011100, where the LSB corresponds to
Bit 0.
AUI-Delay
The upper ten bits contains the number of 10 MHz clock periods between the beginning of
transmission on the AUI to when a collision or Loss-of-Carrier error occurs.
Reset value is: 0000 0000 0001 1100
765
4321
0
AUI Delay
011100
F
E
DCBA
9
8
AUI Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com