Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 61Page - Cirrus Logic CS8900A Datasheet HTML 62Page - Cirrus Logic CS8900A Datasheet HTML 63Page - Cirrus Logic CS8900A Datasheet HTML 64Page - Cirrus Logic CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
DS271PP3
65
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.18 Register 15: Self Control
(SelfCTL, Read/Write, Address: PacketPage base + 0114h)
SelfCTL controls the operation of the LED outputs and the lower-power modes.
010101
These bits provide an internal address used by the CS8900A to identify this as the Chip Self
Control Register.
RESET
When set, a chip-wide reset is initiated immediately. RESET is an Act-Once bit. This bit is
cleared as a result of the reset.
SWSuspend
When set, the CS8900A enters the software initiated Suspend mode. Upon entering this mode,
there is a partial reset. All registers and circuits are reset except for the ISA I/O Base Address
Register and the SelfCTL Register. There is no transmit nor receive activity in this mode. To
come out of software Suspend, the host issues an I/O Write within the CS8900A’s assigned I/O
space (see Section 3.7 on page 26 for a complete description of the CS8900A’s low-power
modes).
HWSleepE
When set, the SLEEP input pin is enabled. If SLEEP is high, the CS8900A is "awake", or oper-
ative (unless in SWSuspend mode, as shown above). If SLEEP is low, the CS8900A enters ei-
ther the Hardware Standby or Hardware Suspend mode. When clear, the CS8900A ignores the
SLEEP input pin (see Section 3.7 on page 26 for a complete description of the CS8900A’s low-
power modes).
HWStandbyE
If HWSleepE is set and the SLEEP input pin is low, then when HWStandbyE is set, the
CS8900A enters the Hardware Standby mode. When clear, the CS8900A enters the Hardware
Suspend mode (see Section 3.7 on page 26 for a complete description of the CS8900A’s low-
power modes).
HC0E
The LINKLED or HC0 output pin is selected with this control bit. When HC0E is clear, the output
pin is LINKLED. When HC0E is set, the output pin is HC0 and the HCB0 bit (Bit E) controls the
pin.
HC1E
The BSTATUS or HC1 output pin is selected with this control bit. When HC1E is clear, the out-
put pin is BSTATUS and indicates receiver ISA Bus activity. When HC1E is set, the output pin
is HC1 and the HCB1 bit (Bit F) controls the pin.
HCB0
When HC0E (Bit C) is set, this bit controls the HC0 pin. If HCB0 is set, HC0 is low. If HCB0 is
clear, HC0 is high. HC0 may drive an LED or a logic gate. When HC0E (Bit C) is clear, this con-
trol bit is ignored.
HCB1
When HC1E (Bit D) is set, this bit controls the HC1 pin. If HCB1 is set, HC1 is low. If HCB1 is
clear, HC1 is high. HC1 may drive an LED or a logic gate. When HC1E (Bit D) is clear, this con-
trol bit is ignored.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: 0000 0000 0001 0101
765
4321
0
RESET
010101
F
E
DCBA
9
8
HCB1
HCB0
HC1E
HC0E
HW Standby
HWSleepE
SW Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com