Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
26
Final
Version: DM9000-DS-F02
June 26, 2002
8.5 Auto-negotiation Advertisement Register (ANAR) - 04
This register contains the advertised abilities of this DM9000 device as they will be transmitted to its link partner
during Auto-negotiation.
Bit
Bit Name
Default
Description
4.15
NP
0,RO/P
Next Page Indication
0 = No next page available
1 = Next page available
The PHY has no next page, so this bit is permanently set to 0
4.14
ACK
0,RO
Acknowledge
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
The PHY's auto-negotiation state machine will automatically
control this bit in the outgoing FLP bursts and set it at the
appropriate time during the auto-negotiation process. Software
should not attempt to write to this bit
4.13
RF
0, RW
Remote Fault
1 = Local device senses a fault condition
0 = No fault detected
4.12-4.11
RESERVED
X, RW
Reserved
Write as 0, ignore on read
4.10
FCS
0, RW
Flow Control Support
1 = Controller chip supports flow control ability
0 = Controller chip doesn’t support flow control ability
4.9
T4
0, RO/P
100BASE-T4 Support
1 = 100BASE-T4 is supported by the local device
0 = 100BASE-T4 is not supported
The PHY does not support 100BASE-T4 so this bit is permanently
set to 0
4.8
TX_FDX
1, RW
100BASE-TX Full Duplex Support
1 = 100BASE-TX full duplex is supported by the local device
0 = 100BASE-TX full duplex is not supported
4.7
TX_HDX
1, RW
100BASE-TX Support
1 = 100BASE-TX is supported by the local device
0 = 100BASE-TX is not supported
4.6
10_FDX
1, RW
10BASE-T Full Duplex Support
1 = 10BASE-T full duplex is supported by the local device
0 = 10BASE-T full duplex is not supported
4.5
10_HDX
1, RW
10BASE-T Support
1 = 10BASE-T is supported by the local device
0 = 10BASE-T is not supported
4.4-4.0
Selector
<00001>, RW Protocol Selection Bits
These bits contain the binary encoded protocol selector supported
by this node
<00001> indicates that this device supports IEEE 802.3 CSMA/CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com