Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
20
Final
Version: DM9000-DS-F02
June 26, 2002
6.30 Memory data write command with address increment Register (F8H)
Bit
Name
Default
Description
7:0
MWCMD
X,WO
Write Data to TX SRAM
After the write of this command, the write pointer is increased by 1,2, or 4, depends
on the operator mode. (8-bit, 16-bit,32-bit respectively)
6.31 Memory data write_address Register (FAH~FBH)
Bit
Name
Default
Description
7:0
MDRAH
00H,R/W
Memory Data Write_ address High Byte
7:0
MDRAL
00H,R/W
Memory Data Write_ address Low Byte
6.32 TX Packet Length Register (FCH~FDH)
Bit
Name
Default
Description
7:0
TXPLH
X,R/W
TX Packet Length High byte
7:0
TXPLL
X,,R/W
TX Packet Length Low byte
6.33 Interrupt Status Register (FEH)
Bit
Name
Default
Description
7:6
IOMODE
0, RO
Bit 7 Bit 6
0
0
16-bit mode
0
1
32-bit mode
1
0
8-bit mode
1
1
Reserved
5~4
RESERVED
0,RO
Reserved
3
ROOS
0,RW/C1
Receive Overflow Counter Overflow Latch
2
ROS
0,RW/C1
Rx Overflow Latch
1
PTS
0,RW/C1
Packet Transmitted Latch
0
PRS
0,RW/C1
Packet Received Latch
6.34 Interrupt Mask Register (FFH)
Bit
Name
Default
Description
7
PAR
0,RW
Enable the SRAM read/write pointer to automatically return to the start address
when pointer addresses are over the SRAM size. Driver needs to set. When driver
sets this bit, REG_F5 will set to 0Ch automatically
6~4
RESERVED
0,RO
Reserved
3
ROOM
0,RW
Enable Receive Overflow Counter Overflow Latch
2
ROM
0,RW
Enable RX Overflow Latch
1
PTM
0,RW
Enable Packet Transmitted Latch
0
PRM
0,RW
Enable Packet Received Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com