Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
37
Version: DM9000-DS-F02
June 26, 2002
10. DC and AC Electrical Characteristics
10.1 Absolute Maximum Ratings ( 25
°°°°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD AVDD
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
Tstg
Storage Temperature Rang (Tstg)
-65
+150
°C
EIAJ-4701
Tc
Case Temperature
0
85
°C
Air Flow = 0m/min
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
235
°C
J-STD-020A
ESD
ESD rating (Rzap=1.5k Czap=100PF)
3000
V
Human Body Mode
10.2 Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD,AVDD
Supply Voltage
3.135
3.465
V
100BASE-TX
---
100
mA
3.3V
10BASE-T TX
---
85
mA
3.3V
10BASE-T idle
---
44
mA
3.3V
Auto-negotiation
---
60
mA
3.3V
PD
(Power Dissipation)
Power Reduced Mode(without cable)
---
20
mA
3.3V
Power Down Mode
---
10
mA
3.3V
Comments
Stresses above, which are listed under “Absolute
Maximum Ratings”, may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above, which indicated in the operational
sections of this specification, is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect the reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com