Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
52
Final
Version: DM9000-DS-F02
June 26, 2002
13. APPENDIX:
1. Data Sheet Changed Errata List
Items
Data & Ver.
Page
Content
1
05/02/2001 P01
DM9000 Data Sheet Start
2
06/14/2001 P01
Page 1
Modify Block Diagram
3
06/22/2001 P01
Page 14
Check TableA-1-A &A-1-B
4
12/05/2001 P02
Page 7
Check TableA-2-A &A-2-B
5
12/05/2001 P02
Page 11
Check TableA-3-A &A-2-B
6
12/05/2001 P02
Page 38
Check TableA-4-A &A-4-B
Before Modification
4
BKPM
0,RW
Back pressure mode. This mode is for half duplex mode only. Generate a jam
pattern when a packet’s DA match and RX SRAM over BPHW
3
BKPA
0,RW
Back pressure mode. This mode is for half duplex mode only. Generate a jam
pattern when any packet coming and RX SRAM over BPHW
Table A-1-A
After Modification
4
BKPA
0,RW
Back pressure mode. This mode is for half duplex mode only. Generate a jam
pattern when any packet coming and RX SRAM over BPHW
3
BKPM
0,RW
Back pressure mode. This mode is for half duplex mode only. Generate a jam
pattern when a packet’s DA match and RX SRAM over BPHW
Table A-1-B
Before Modification
16,17,18,
19
TEST1~TEST4
I
Operation Mode
Test1,2,3,4=(1,1,0,0) : the processor interface is ISA compatible
Test1,2,3,4=(1,1,0,1) : the processor interface is for general processor
Table A-2-A
After Modification
16,17,18,
19
TEST1~TEST4
I
Operation Mode
Test1,2,3,4=(1,1,0,0) in normal application
Table A-2-B
Before Modification
Bit
Name
Default
Description
2:1
LBK
00,RW
Loopback mode
Bit
2 1
0
0
normal
0
1
MAC internal loopback
1
0
internal PHY digital loopback
1
1
internal PHY analog loopback
Table A-3-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com