Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
29
Version: DM9000-DS-F02
June 26, 2002
This bit is self-clear after reset is completed
16.2
MFPSC
0, RW
MF Preamble Suppression Control
MII frame preamble suppression control bit
1 = MF preamble suppression bit on
0 = MF preamble suppression bit off
16.1
SLEEP
0, RW
Sleep Mode
Writing a 1 to this bit will cause PHY to enter the Sleep mode and
power down all circuit except oscillator and clock generator circuit.
When waking up from Sleep mode (write this bit to 0), the
configuration will go back to the state before sleep; but the state
machine will be reset
16.0
RLOUT
0, RW
Remote Loopout Control
When this bit is set to 1, the received data will loop out to the
transmit channel. This is useful for bit error rate testing
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) - 17
Bit
Bit Name
Default
Description
17.15
100FDX
1, RO
100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M full duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.14
100HDX
1, RO
100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M half duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.13
10FDX
1, RO
10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M Full Duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.12
10HDX
1, RO
10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M half duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.11-
17.9
RESERVED
0, RO
Reserved
Write as 0, ignore on read
17.8-17.4 PHYADR[4:0]
(PHYADR),
RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple
PHY entities must know the appropriate address of each PHY
17.3-17.0
ANMB[3:0]
0, RO
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be
written to these bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com