Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
36
Final
Version: DM9000-DS-F02
June 26, 2002
9.11 Power Reduced Mode
The Signal detect circuit is always turned to monitor whether
there is any signal on the media (cable disconnected). The
DM9000 automatically turns off the power and enters the
Power Reduced mode, whether its operation mode is N-
way or force mode. When enters the Power Reduced
mode, the transmit circuit still sends out fast link pules with
minimum power consumption. If a valid signal is detected
from the media, which might be N-ways fast link pules,
10Base-T normal link pules, or 100Base-TX MLT3 signals,
the device will wak e up and resum e a normal
operation mode.
That can be writing Zero to Reg.16.4 of MII register to
disable Power Reduced mode.
9.11.1 Power Down Mode
The Reg.0.11 of MII register can be set high to enter the
Power Down mode, which disables all transmit, receive
functions and MII interface functions, except the MDC/MDIO
management interface.
9.11.2 Reduced Transmit Power Mode
The additional Transmit power reduction can be
gained by designing with 1.25:1 turns ration magnetic
on its TX side and using a 8.5KΩ resistor on BGRES
and AGND pins, and the TXO+/TXO- pulled high
resistors should be changed from 50 Ω to 78 Ω .
This configuration could be reduced about 20%
transmit power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com