Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
15
Version: DM9000-DS-F02
June 26, 2002
6.7 RX Status Register ( 06H )
Bit
Name
Default
Description
7
RF
0,RO
Runt Frame
It is set to indicate that the size of the received frame is smaller than 64 bytes
6
MF
0,RO
Multicast Frame
It is set to indicate that the received frame has a multicast address
5
LCS
0,RO
Late Collision Seen
It is set to indicate that a late collision is found during the frame reception
4
RWTO
0,RO
Receive Watchdog Time-Out
It is set to indicate that it receives more than 2048 bytes
3
PLE
0,RO
Physical Layer Error
It is set to indicate that a physical layer error is found during the frame reception
2
AE
0,RO
Alignment Error
It is set to indicate that the received frame ends with a non-byte boundary
1
CE
0,RO
CRC Error
It is set to indicate that the received frame ends with a CRC error
0
FOE
0,RO
FIFO Overflow Error
It is set to indicate that a FIFO overflow error happens during the frame reception
6.8 Receive Overflow Counter Register ( 07H )
Bit
Name
Default
Description
7
RXFU
0,R/C
Receive Overflow Counter Overflow
This bit is set when the ROC has an overflow condition
6:0
ROC
0,R/C
Receive Overflow Counter
This is a statistic counter to indicate the received packet count upon FIFO overflow
6.9 Back Pressure Threshold Register (08H)
Bit
Name
Default
Description
7:4
BPHW
3H, RW
Back Pressure High Water Overflow Threshold. MAC will generate the jam pattern
when RX SRAM free space is lower than this threshold value
Default is 3K-byte free space. Please do not exceed SRAM size
(1 unit=1K bytes)
3:0
JPT
7H, RW
Jam Pattern Time. Default is 200us
bit3 bit2 bit1 bit0
time
0
0
0
0
5us
0
0
0
1
10us
0
0
1
0
15us
0
0
1
1
25us
0
1
0
0
50us
0
1
0
1
100us
0
1
1
0
150us
0
1
1
1
200us
1
0
0
0
250us
1
0
0
1
300us
1
0
1
0
350us
1
0
1
1
400us
1
1
0
0
450us
1
1
0
1
500us
1
1
1
0
550us
1
1
1
1
600us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com