Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
40
Final
Version: DM9000-DS-F02
June 26, 2002
Note:
:
:
:
1. The IO16 is valid when the SD bus width is 16-bit or
32-bit, and the system address is data port (i.e.
CMD is high) and the value of address port is
memory data register index.(ex. F0H, F2H, F6H or
F8H)
2. The IO32 is valid when the SD bus width is 32-bit,
the system address is data port (i.e. CMD is high)
and the value of address port is memory data
register index(ex. F0H, F2H, F6H or F8H)
10.4.4 Processor Register Write Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
System Address Valid to IOW Valid
5
ns
T2
IOW Width
22
ns
T3
SD Setup Time
22
ns
T4
SD Hold Time
5
ns
T5
IOW Invalid to System Address Invalid
5
ns
T6
IOW Invalid to Next IOW validaccess DM9000)
84
ns
T7
System Address Valid to IO16, IO32 Valid
5
ns
T8
System Address Invalid to IO16, IO32 Invalid
5
ns
Note:
:
:
:
1. The IO16 is valid when the SD bus width is 16-bit or
32-bit and system address is data port (i.e. CMD is
high) and the value of address port is memory data
register index (ex. F0H, F2H, F6H or F8H)
2. The IO32 is valid when the SD bus width is 32-bit
and system address is data port (i.e. CMD is high)
and the value of address port is memory data
register index (ex. F0H, F2H, F6H or F8H)
T1
T4
AEN,SA
→
→
→
←
T6
←
←
IOW
T2
→
∫∫
←
SD
→
←
T3
T8
T7
→
→
←
←
IO16,IO32
←
→
T5
Note1.2
,CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com