Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
42
Final
Version: DM9000-DS-F02
June 26, 2002
10.4.7 MII Management Interface Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
MDC Frequency
2
Mhz
T2
MDIO by DM9000 Setup Time
187
ns
T3
MDIO by DM9000 Hold Time
313
ns
T4
MDIO by External MII Setup Time
40
ns
T5
MDIO by External MII Hold Time
40
ns
10.4.8 EEPROM Interface Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
EECK Frequency
0.375
Mhz
T2
EECS Setup Time
500
ns
T3
EECS Hold Time
2166
ns
T4
EEDO Setup Time
480
ns
T5
EEDO Hold Time
2200
ns
T6
EEDI Setup Time
80
ns
T7
EEDI Hold Time
80
ns
T1
T6
T7
EEDI
T2
EESS
←
→
T4
EEDO
→
←
EECK
∫∫
←
←
←
→
→
→
←
→
T5
MDC
MDIO (drive by DM9601)
MDIO (drive by externcl MII)
T1
T2
→
→
←
←
→
T3
→
←
T4
←
→
T5
←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com