Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
18
Final
Version: DM9000-DS-F02
June 26, 2002
6.17 Multicast Address Register ( 16H~1DH )
Bit
Name
Default
Description
7:0
MAB7
X,RW
Multicast Address Byte 7 (1DH)
7:0
MAB6
X,RW
Multicast Address Byte 6 (1CH)
7:0
MAB5
X,RW
Multicast Address Byte 5 (1BH)
7:0
MAB4
X,RW
Multicast Address Byte 4 (1AH)
7:0
MAB3
X,RW
Multicast Address Byte 3 (19H)
7:0
MAB2
X,RW
Multicast Address Byte 2 (18H)
7:0
MAB1
X,RW
Multicast Address Byte 1 (17H)
7:0
MAB0
X,RW
Multicast Address Byte 0 (16H)
6.18 General purpose control Register ( 1EH )
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
3:0
GEP_CNTL
0001,RW
General Purpose Control
Define the input/output direction of General Purpose Register
When a bit is set 1, the direction of correspondent bit of General Purpose Register
is output. GPIO0 default is output for POWER_DOWN function. Other defaults are
input
6.19 General purpose Register ( 1FH )
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
3:1
GEPIO3-1
0,RW
General Purpose
When the correspondent bit of General Purpose Control Register is 1, the value of
the bit is reflected to pin GEPIO3-1
When the correspondent bit of General Purpose Control Register is 0, the value of
the bit to be read is reflected from correspondent pins of GEPIO3-1
The GEPIOs are mapped to pins GEPIO3 to GEPIO1 respectively
0
GEPIO0
1,RW
General Purpose
When the correspondent bit of General Purpose Control Register is 1, the value of
the bit is the output to pin GEPIO0
When the correspondent bit of General Purpose Control Register is 0, the value of
the bit to be read is reflected from pin GEPIO0. GEPIO0 default output 1 to
POWER_DOWN Internal PHY. Driver needs to clear this POWER_DOWN signal
by writing “0” when it wants PHY to be active. This default value can be
programmed by EEPROM. Please refer to the EEPROM description
6.20 TX SRAM Read Pointer Address Register (22H~23H)
Bit
Name
Default
Description
7:0
TRPAH
00H,RO
TX SRAM Read Pointer Address High Byte (23H)
7:0
TRPAL
00H.RO
TX SRAM Read Pointer Address Low Byte (22H)
6.21 RX SRAM Write Pointer Address Register (24H~25H)
Bit
Name
Default
Description
7:0
RWPAH
0CH,RO
RX SRAM Write Pointer Address High Byte (25H)
7:0
RWPAL
04H.RO
RX SRAM Write Pointer Address Low Byte (24H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com