Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
16
Final
Version: DM9000-DS-F02
June 26, 2002
6.10 Flow Control Threshold Register ( 09H )
Bit
Name
Default
Description
7:4
HWOT
3H, RW
RX FIFO High Water Overflow Threshold
Send a pause packet with pause_ time=FFFFH when the RX RAM free space is
less than this value., If this value is zero, its means no free RX SRAM space.
Default is 3K-byte free space. Please do not exceed SRAM size (1 unit=1K bytes)
3:0
LWOT
8H, RW
RX FIFO Low Water Overflow Threshold
Send a pause packet with pause_time=0000 when RX SRAM free space is larger
than this value. This pause packet is enabled after the high water pause packet is
transmitted. Default SRAM free space is 8K-byte. Please do not exceed SRAM size
(1 unit=1K bytes)
6.11 RX/TX Flow Control Register ( 0AH )
Bit
Name
Default
Description
7
TXP0
0,RW
TX Pause Packet
Auto clears after pause packet transmission completion. Set to TX pause packet
with time = 0000h
6
TXPF
0,RW
TX Pause packet
Auto clears after pause packet transmission completion. Set to TX pause packet
with time = FFFFH
5
TXPEN
0,RW
Force TX Pause Packet Enable
Enables the pause packet for high/low water threshold control
4
BKPA
0,RW
Back Pressure Mode
This mode is for half duplex mode only. It generates a jam pattern when any packet
comes and RX SRAM is over BPHW
3
BKPM
0,RW
Back Pressure Mode
This mode is for half duplex mode only. It generates a jam pattern when a packet’s
DA matches and RX SRAM is over BPHW
2
RXPS
0,R/C
RX Pause Packet Status, latch and read clearly
1
RXPCS
0,RO
RX Pause Packet Current Status
0FLCE
0,RW
Flow Control Enable
Set to enable the flow control mode (i.e. to disable TX function)
6.12 EEPROM & PHY Control Register ( 0BH )
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
REEP
0,RW
Reload EEPROM. Driver needs to clear it up after the operation completes
4
WEP
0,RW
Write EEPROM Enable
3
EPOS
0,RW
EEPROM or PHY Operation Select
When reset, select EEPROM; when set, select PHY
2
ERPRR
0,RW
EEPROM Read or PHY Register Read Command. Driver needs to clear it up after
the operation completes.
1
ERPRW
0,RW
EEPROM Write or PHY Register Write Command. Driver needs to clear it up after
the operation completes.
0
ERRE
0,RO
EEPROM Access Status or PHY Access Status
When set, it indicates that the EEPROM or PHY access is in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com