Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
30
Final
Version: DM9000-DS-F02
June 26, 2002
B3 b2 b1 b0
0
0
0
0
In IDLE State
000
1
Ability Match
0
0
1
0
Acknowledge Match
0
0
1
1
Acknowledge Match Fail
0
1
0
0
Consistency Match
0
1
0
1
Consistency Match Fail
0
1
1
0
Parallel Detects Signal_ link_ ready
0
1
1
1
Parallel Detects Signal_ link_ ready Fail
1
0
0
0
Auto-negotiation Completed Successfully
8.10 10BASE-T Configuration/Status (10BTCSR) - 18
Bit
Bit Name
Default
Description
18.15
RESERVED
0, RO
Reserved
Write as 0, ignore on read
18.14
LP_EN
1, RW
Link Pulse Enable
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation
18.13
HBE
1,RW
Heartbeat Enable
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the PHY is configured for full duplex operation, this bit will be
ignored (the collision/heartbeat function is invalid in full duplex
mode)
18.12
SQUELCH
1, RW
Squelch Enable
1 = normal squelch
0 = low squelch
18.11
JABEN
1, RW
Jabber Enable
Enables or disables the Jabber function when the PHY is in
10BASE-T full duplex or 10BASE-T transceiver loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
18.10-
18.1
RESERVED
0, RO
Reserved
Write as 0, ignore on read
18.0
POLR
0, RO
Polarity reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed. This bit is set and cleared by 10BASE-T module
automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com