Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
38
Final
Version: DM9000-DS-F02
June 26, 2002
10.3 DC Electrical Characteristics
(VDD = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Inputs
VIL
Input Low Voltage
-
-
0.8
V
VIH
Input High Voltage
2.0
-
-
V
IIL
Input Low Leakage Current
-1
-
-
uA
VIN = 0.0V
IIH
Input High Leakage Current
-
-
1
uA
VIN = 3.3V
Outputs
VOL
Output Low Voltage
-
-
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
-
-
V
IOH = -4mA
Receiver
VICM
RX+/RX- Common Mode Input
Voltage
-0.9
-
V
100
Ω Termination
Across
Transmitter
VTD100
100TX+/- Differential Output
Voltage
1.9
2.0
2.1
V
Peak to Peak
VTD10
10TX+/- Differential Output Voltage
4.4
5
5.6
V
Peak to Peak
ITD100
100TX+/- Differential Output
Current
│19││20││21│
mA
Absolute Value
ITD10
10TX+/- Differential Output Current
│44││50││56│
mA
Absolute Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com