Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
17
Version: DM9000-DS-F02
June 26, 2002
6.13 EEPROM & PHY Address Register ( 0CH )
Bit
Name
Default
Description
7:6
PHY_ADR
01,RW
PHY Address bit 1 and 0, the PHY address bit [4:2] is force to 0. Force to 01 if
internal PHY is selected
5:0
EROA
0,RW
EEPROM Word Address or PHY Register Address
6.14 EEPROM & PHY Data Register (EE_PHY_L:
:
:
:0DH
EE_PHY_H:
:
:
:0EH)
Bit
Name
Default
Description
7:0
EE_PHY_L
X,RW
EEPROM or PHY Low Byte Data
This data is made to write low byte of word address defined in Reg. CH to
EEPROM or PHY
7:0
EE_PHY_H
X,RW
EEPROM or PHY High Byte Data
This data is made to write high byte of word address defined in Reg. CH to
EEPROM or PHY
6.15 Wake Up Control Register ( 0FH )
Bit
Name
Type
Description
7:6
RESERVED
0,RO
Reserved
5
LINKEN
0,RW
When set, it enables Link Status Change Wake up Event
This bit will not be affected after software reset
4
SAMPLEEN
0,RW
When set, it enables Sample Frame Wake up Event
This bit will not be affected after software reset
3
MAGICEN
0,RW
When set, it enables Magic Packet Wake up Event
This bit will not be affected after software reset
2
LINKST
0,RO
When set, it indicates that Link Change and Link Status Change Event occurred
This bit will not be affected after software reset
1
SAMPLEST
0,RO
When set, it indicates that the sample frame is received and Sample Frame Event
occurred. This bit will not be affected after software reset
0
MAGICST
0,RO
When set, indicates the Magic Packet is received and Magic packet Event
occurred. This bit will not be affected after a software reset
6.16 Physical Address Register ( 10H~15H )
Bit
Name
Default
Description
7:0
PAB5
X,RW
Physical Address Byte 5 (15H)
7:0
PAB4
X,RW
Physical Address Byte 4 (14H)
7:0
PAB3
X,RW
Physical Address Byte 3 (13H)
7:0
PAB2
X,RW
Physical Address Byte 2 (12H)
7:0
PAB1
X,RW
Physical Address Byte 1 (11H)
7:0
PAB0
X,RW
Physical Address Byte 0 (10H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com