Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
28
Final
Version: DM9000-DS-F02
June 26, 2002
NP_ABLE = 1: next page available
NP_ABLE = 0: no next page
6.1
PAGE_RX
0, RO/LH
New Page Received
A new link of code-word page received. This bit will be
automatically cleared when the register (register 6) is read by
management
6.0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports Auto-
negotiation
8.8 DAVICOM Specified Configuration Register (DSCR) - 16
Bit
Bit Name
Default
Description
16.15
BP_4B5B
0, RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5ccccccccB and 5B4B operation
16.14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
16.13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and symbol
decoding functions) bypassed. Transmit functions
(symbol encoder and scrambler) bypassed
0 = Normal operation
16.12
BP_ADPOK
0, RW
Bypass ADPOK
Force signal detector (SD) active. This register is for debug only,
not release to customers.
1=Force SD is OK
0=Normal operation
16.11
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.10
TX
1, RO
100BASE-TX
1 = 100BASE-TX operation
0 = Reserved
16.9
RESERVED
0, RO
Reserved
16.8
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.7
F_LINK_100
0, RW
Force Good Link in 100Mbps
0 = Normal 100Mbps operation
1 = Force 100Mbps good link status
This bit is useful for diagnostic purposes
16.6
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.5
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.4
RPDCTR-EN
1, RW
Reduced Power Down Control Enable
This bit is used to enable automatic reduced power down
0: Disable automatic reduced power down
1: Enable automatic reduced power down
16.3
SMRST
0, RW
Reset State Machine
When writes 1 to this bit, all state machines of PHY will be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com