Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
10
Final
Version: DM9000-DS-F02
June 26, 2002
34
TXO-
O
TP TX Output
35
AVDD
P
TX Power
5.7 Miscellaneous
16,17,18,
19
TEST1~TEST4
I
Operation Mode
Test 1, 2, 3, 4 = (1, 1, 0, 0) in normal application
48
TEST5
I
It must be ground.
68,69,70,
71
GPIO0~3
I/O
General I/O Ports
Registers GPCR and GPR can program these pins
The GPIO0 is an output mode, and output data high at default is to power
down internal PHY and other external MII device
GPIO1~3 defaults are input ports
78
LINK_O
O
Cable Link Status Output. Active High
This pin is also used as a strap pin to define whether the MII interface is a
reversed MII interface (pulled high) or a normal MII interface (not pulled
high). This pin has a pulled down resistor about 60k ohm internally.
79
WAKEUP
O
Issue a wake up signal when wake up event happens
This pin has a pulled down resistor about 60k ohm internally.
80
PW_RST#
I
Power on Reset
Active low signal to initiate the DM9000
The DM9000 is ready after 5us when this pin deasserted
74,75,77
NC
Not Connect
5.8 Power Pins
5,20,36,
55,72,90,
73
DVDD
P
Digital VDD
15,23,42,
58,63,81,
99,76
DGND
P
Digital GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com