Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
31
Version: DM9000-DS-F02
June 26, 2002
9. Functional Description
9.1 Host Interface
The host interface is the ISA BUS compatible mode.
There are eight IO bases, which are 300H, 310H,
320H, 330H, 340H, 350H, 360H, and 370H. The IO
base is latched from strap pins or loaded from the
EEPROM.
There are only two addressing ports through the
access of the host interface. One port is the INDEX
port and the other is the DATA port. The INDEX port is
decoded by the pin CMD =0 and the DATA port by the
pin CMD =1. The contents of the INDEX port are the
register address of the DATA port. Before the access
of any register, the address of the register must be
saved in the INDEX port.
9.2 Direct Memory Access Control
The DM9000 provides DMA capability to simplify the
access of the internal memory. After the programming
of the starting address of the internal memory and
then issuing a dummy read/write command to load the
current data to internal data buffer, the desired
location of the internal memory can be accessed by
the read/write command registers. The memory’s
address will be increased with the size that equals to
the current operation mode (i.e. the 8-bit, 16-bit or 32-
bit mode) and the data of the next location will be
loaded into internal data buffer automatically. It is
noted that the data of the first access (the dummy
read/write command) in a sequential burst should be
ignored because that the data was the contents of the
last read/write command.
The internal memory size is 16K bytes. The first
location of 3K bytes is used for the data buffer of the
packet transmission. The other 13K bytes are used for
the buffer of the receiving packets. So in the write
memory operation, when the bit 7 of IMR is set, the
memory address increment will wrap to location 0 if
the end of address (i.e. 3K) is reached. In a similar
way, in the read memory operation, when the bit 7 of
IMR is set, the memory address increment will wrap to
location 0x0C00 if the end of address (i.e. 16K) is
reached.
9.3 Packet Transmission
There are two packets, sequentially named as index I
and index II, can be stored in the TX SRAM at the
same time. The TX Control Register (02h) controls the
insertion of CRC and pads. Their statuses are
recorded at TX Status Register I (03h) and TX Status
Register II (04h) respectively.
The start address of transmission is 00h and the
current packet is index I after software or hardware
reset. Firstly write data to the TX SRAM using the
DMA port and then write the byte count to byte_ count
register at TX Packet Length Register (0fch/0fdh). Set
the bit 0 of TX Control Register (02h). The DM9000
starts to transmit the index I packet. Before the
transmission of the index I packet ends, the data of
the next (index II) packet can be moved to TX SRAM.
After the index I packet ends the transmission, write
the byte count data of the index II to BYTE_COUNT
register and then set the bit 0 of TX Control Register
(02h) to transmit the index II packet. The following
packets, named index I, II, I, II,…, use the same way
to be transmitted.
9.4 Packet Reception
The RX SRAM is a ring data structure. The start
address of RX SRAM is 0C00h after software or
hardware reset. Each packet has a 4-byte header
followed with the data of the reception packet which
CRC field is included. The format of the 4-byte header
is 01h, status, BYTE_COUNT low, and
BYTE_COUNT high. It is noted that the start address
of each packet is in the proper address boundary
which depends on the operation mode (the 8-bit, 16-
bit or 32-bit mode ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com