Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
19
Version: DM9000-DS-F02
June 26, 2002
6.22 Vendor ID Register (28H~29H)
Bit
Name
Default
Description
7:0
VIDH
0AH,RO
Vendor ID High Byte (29H)
7:0
VIDL
46H.RO
Vendor ID Low Byte (28H)
6.23 Product ID Register (2AH~2BH)
Bit
Name
Default
Description
7:0
PIDH
90H,RO
Product ID High Byte (2BH)
7:0
PIDL
00H.RO
Product ID Low Byte (2AH)
6.24 Chip Revision Register (2CH)
Bit
Name
Default
Description
7:0
CHIPR
00H,RO
CHIP Revision
6.25 Special Mode Control Register ( 2FH )
Bit
Name
Default
Description
7
SM_EN
0,RW
Special Mode Enable
6~3
RESERVED
0,RO
Reserved
2
FLC
0,RW
Force Late Collision
1
FB1
0,RW
Force Longest Back-off time
0
FB0
0,RW
Force Shortest Back-off time
6.26 Memory Data Read Command without Address Increment Register (F0H)
Bit
Name
Default
Description
7:0
MRCMDX
X,RO
Read data from RX SRAM. After the read of this command, the read pointer of
internal SRAM is unchanged
6.27 Memory Data Read Command with Address Increment Register (F2H)
Bit
Name
Default
Description
7:0
MRCMD
X,RO
Read data from RX SRAM. After the read of this command, the read pointer is
increased by 1,2, or 4, depends on the operator mode (8-bit,16-bit and 32-bit
respectively)
6.28 Memory Data Read_address Register (F4H~F5H)
Bit
Name
Default
Description
7:0
MDRAH
00H,R/W
Memory Data Read_ address High Byte. It will be set to 0Ch, when IMR bit7 =1
7:0
MDRAL
00H,R/W
Memory Data Read_ address Low Byte
6.29 Memory Data Write Command without Address Increment Register (F6H)
Bit
Name
Default
Description
7:0
MWCMDX
X,WO
Write data to TX SRAM. After the write of this command, the write pointer is
unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com