Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
14
Final
Version: DM9000-DS-F02
June 26, 2002
6.4 TX Status Register I ( 03H ) for packet index I
Bit
Name
Default
Description
7
TJTO
0,RO
Transmit Jabber Time Out
It is set to indicate that the transmitted frame is truncated due to more than 2048
bytes are transmitted
6
LC
0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal loopback mode
5NC
0,RO
No Carrier
It is set to indicate that there is no carrier signal during the frame transmission. It is
not valid in internal loopback mode
4
LC
0,RO
Late Collision
It is set when a collision occurs after the collision window of 64 bytes
3
COL
0,RO
Collision Packet
It is set to indicate that the collision occurs during transmission
2
EC
0,RO
Excessive Collision
It is set to indicate that the transmission is aborted due to 16 excessive collisions
1:0
RESERVED
0,RO
Reserved
6.5 TX Status Register II ( 04H ) for packet index I I
Bit
Name
Default
Description
7
TJTO
0,RO
Transmit Jabber Time Out
It is set to indicate that the transmitted frame is truncated due to more than 2048
bytes are transmitted
6
LC
0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal loopback mode
5NC
0,RO
No Carrier
It is set to indicate that there is no carrier signal during the frame transmission. It is
not valid in internal loopback mode
4
LC
0,RO
Late Collision
It is set when a collision occurs after the collision window of 64 bytes
3
COL
0,RO
Collision packet, collision occurs during transmission
2
EC
0,RO
Excessive Collision
It is set to indicate that the transmission is aborted due to 16 excessive collisions
1:0
RESERVED
0,RO
Reserved
6.6 RX Control Register ( 05H )
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
WTDIS
0,RW
Watchdog Timer Disable
When set, the Watchdog Timer (2048 bytes) is disabled. Otherwise it is enabled
5
DIS_LONG
0,RW
Discard Long Packet
Packet length is over 1522byte
4
DIS_CRC
0,RW
Discard CRC Error Packet
3
ALL
0,RW
Pass All Multicast
2
RUNT
0,RW
Pass Runt Packet
1
PRMSC
0,RW
Promiscuous Mode
0
RXEN
0,RW
RX Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com