Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 2 Page - Texas Instruments

  PCM5252 Datasheet HTML 1Page - Texas Instruments PCM5252 Datasheet HTML 2Page - Texas Instruments PCM5252 Datasheet HTML 3Page - Texas Instruments PCM5252 Datasheet HTML 4Page - Texas Instruments PCM5252 Datasheet HTML 5Page - Texas Instruments PCM5252 Datasheet HTML 6Page - Texas Instruments PCM5252 Datasheet HTML 7Page - Texas Instruments PCM5252 Datasheet HTML 8Page - Texas Instruments PCM5252 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
PCM5252
SLASE63 – NOVEMBER 2014
www.ti.com
Table of Contents
9.6
Audio Processing .................................................... 23
1
Features .................................................................. 1
9.7
DAC and Differential Analog Outputs ..................... 39
2
Applications ........................................................... 1
9.8
Reset and System Clock Functions ........................ 42
3
Description ............................................................. 1
9.9
Device Functional Modes........................................ 49
4
Simplified System Diagram .................................. 1
10
Applications and Implementation...................... 55
5
Revision History..................................................... 2
10.1
Application Information.......................................... 55
6
Device Comparison ............................................... 3
10.2
Typical Application ................................................ 55
7
Pin Configuration and Functions ......................... 4
11
Power Supply Recommendations ..................... 57
7.1
Control Mode Effect On Pin Assignments ................ 4
11.1
Power Supply Distribution and Requirements ...... 57
7.2
Pin Assignments ....................................................... 4
11.2
Recommended Powerdown Sequence................. 58
8
Specifications......................................................... 7
11.3
External Power Sense Undervoltage Protection
8.1
Absolute Maximum Ratings ...................................... 7
mode (supported only when DVDD = 3.3V) ........... 60
8.2
Handling Ratings....................................................... 7
11.4
Power-On Reset Function..................................... 61
8.3
Recommended Operating Conditions ....................... 7
11.5
PCM5252 Power Modes ....................................... 63
8.4
Thermal Information .................................................. 7
12
Layout................................................................... 66
8.5
Electrical Characteristics........................................... 8
12.1
Layout Guidelines ................................................. 66
8.6
Switching Characteristics ........................................ 11
13
Programming and Registers Reference............ 67
8.7
Timing Requirements: SCK Input ........................... 11
13.1
Coefficient Data Formats ...................................... 67
8.8
Timing Requirements: PCM Audio Data ................. 12
13.2
Power Down and Reset Behavior ......................... 67
8.9
Timing Requirements: XSMT .................................. 13
13.3
PCM5252 Register Map........................................ 68
8.10
Typical Characteristics .......................................... 14
14
Device and Documentation Support ............... 115
9
Detailed Description ............................................ 16
14.1
Community Resources........................................ 115
9.1
Overview ................................................................. 16
14.2
Trademarks ......................................................... 115
9.2
Functional Block Diagram ....................................... 17
14.3
Electrostatic Discharge Caution .......................... 115
9.3
Terminology ............................................................ 17
15
Mechanical, Packaging, and Orderable
9.4
Audio Data Interface ............................................... 18
Information ......................................................... 115
9.5
XSMT Pin (Soft Mute / Soft Un-Mute) ................... 22
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
November 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com