Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 69Page - Texas Instruments PCM5252 Datasheet HTML 70Page - Texas Instruments PCM5252 Datasheet HTML 71Page - Texas Instruments PCM5252 Datasheet HTML 72Page - Texas Instruments PCM5252 Datasheet HTML 73Page - Texas Instruments PCM5252 Datasheet HTML 74Page - Texas Instruments PCM5252 Datasheet HTML 75Page - Texas Instruments PCM5252 Datasheet HTML 76Page - Texas Instruments PCM5252 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
13.3.1 Detailed Register Descriptions
13.3.1.1 Register Map Summary
Register Map Summary
Page 0
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
1
01
RSV
RSV
RSV
RSTM
RSV
RSV
RSV
RSTR
2
02
RSV
RSV
RSV
RQST
RSV
RSV
RSV
RQPD
3
03
RSV
RSV
RSV
RQML
RSV
RSV
RSV
RQMR
4
04
RSV
RSV
RSV
PLCK
RSV
RSV
RSV
PLLE
6
06
RSV
RSV
RSV
RSV
RSV
RSV
FSMI1
FSMI0
7
07
RSV
RSV
RSV
DEMP
RSV
RSV
RSV
SDSL
8
08
RSV
RSV
G6OE
G5OE
G4OE
G3OE
G2OE
G1OE
9
09
RSV
RSV
BCKP
BCKO
RSV
RSV
RSV
LRKO
10
0A
DSPG7
DSPG6
DSPG5
DSPG4
DSPG3
DSPG2
DSPG1
DSPG0
12
0C
RSV
RSV
RSV
RSV
RSV
RSV
RBCK
RLRK
13
0D
RSV
SREF2
SREF1
SREF0
RSV
RSV
RSV
RSV
14
0E
RSV
SDAC2
SDAC1
SDAC0
RSV
RSV
RSV
RSV
18
12
RSV
RSV
RSV
RSV
RSV
GREF2
GREF1
GREF0
19
13
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RQSY
20
14
RSV
RSV
RSV
RSV
PPDV3
PPDV2
PPDV1
PPDV0
21
15
RSV
RSV
PJDV5
PJDV4
PJDV3
PJDV2
PJDV1
PJDV0
22
16
RSV
RSV
PDDV13
PDDV12
PDDV11
PDDV10
PDDV9
PDDV8
23
17
PDDV7
PDDV6
PDDV5
PDDV4
PDDV3
PDDV2
PDDV1
PDDV0
24
18
RSV
RSV
RSV
RSV
PRDV3
PRDV2
PRDV1
PRDV0
27
1B
RSV
DDSP6
DDSP5
DDSP4
DDSP3
DDSP2
DDSP1
DDSP0
28
1C
RSV
DDAC6
DDAC5
DDAC4
DDAC3
DDAC2
DDAC1
DDAC0
29
1D
RSV
DNCP6
DNCP5
DNCP4
DNCP3
DNCP2
DNCP1
DNCP0
30
1E
RSV
DOSR6
DOSR5
DOSR4
DOSR3
DOSR2
DOSR1
DOSR0
32
20
RSV
DBCK6
DBCK5
DBCK4
DBCK3
DBCK2
DBCK1
DBCK0
33
21
DLRK7
DLRK6
DLRK5
DLRK4
DLRK3
DLRK2
DLRK1
DLRK0
34
22
RSV
RSV
RSV
I16E
RSV
RSV
FSSP1
FSSP0
35
23
IDAC15
IDAC14
IDAC13
IDAC12
IDAC11
IDAC10
IDAC9
IDAC8
36
24
IDAC7
IDAC6
IDAC5
IDAC4
IDAC3
IDAC2
IDAC1
IDAC0
37
25
RSV
IDFS
IDBK
IDSK
IDCH
IDCM
DCAS
IPLK
40
28
RSV
RSV
AFMT1
AFMT0
RSV
RSV
ALEN1
ALEN0
41
29
AOFS7
AOFS6
AOFS5
AOFS4
AOFS3
AOFS2
AOFS1
AOFS0
42
2A
RSV
RSV
AUPL1
AUPL0
RSV
RSV
AUPR1
AUPR0
43
2B
RSV
RSV
RSV
PSEL4
PSEL3
PSEL2
PSEL1
PSEL0
44
2C
RSV
RSV
RSV
RSV
RSV
CMDP2
CMDP1
CMDP0
59
3B
RSV
AMTL2
AMTL1
AMTL0
RSV
AMTR2
AMTR1
AMTR0
60
3C
RSV
RSV
RSV
RSV
RSV
RSV
PCTL1
PCTL0
61
3D
VOLL7
VOLL6
VOLL5
VOLL4
VOLL3
VOLL2
VOLL1
VOLL0
62
3E
VOLR7
VOLR6
VOLR5
VOLR4
VOLR3
VOLR2
VOLR1
VOLR0
63
3F
VNDF1
VNDF0
VNDS1
VNDS0
VNUF1
VNUF0
VNUS1
VNUS0
64
40
VEDF1
VEDF0
VEDS1
VEDS0
RSV
RSV
RSV
RSV
65
41
RSV
RSV
RSV
RSV
RSV
ACTL2
AMLE1
AMRE0
80
50
RSV
RSV
RSV
G1SL4
G1SL3
G1SL2
G1SL1
G1SL0
81
51
RSV
RSV
RSV
G2SL4
G2SL3
G2SL2
G2SL1
G2SL0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com