Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 89 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 85Page - Texas Instruments PCM5252 Datasheet HTML 86Page - Texas Instruments PCM5252 Datasheet HTML 87Page - Texas Instruments PCM5252 Datasheet HTML 88Page - Texas Instruments PCM5252 Datasheet HTML 89Page - Texas Instruments PCM5252 Datasheet HTML 90Page - Texas Instruments PCM5252 Datasheet HTML 91Page - Texas Instruments PCM5252 Datasheet HTML 92Page - Texas Instruments PCM5252 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
VNDF[1:0]
Digital Volume Normal Ramp Down Frequency
These bits control the frequency of the digital volume updates when the volume is ramping down. The setting
here is applied to soft mute request, asserted by XSMUTE pin or Page 0 / Register 3.
Default value: 00
00: Update every 1 FS period
01: Update every 2 FS periods
10: Update every 4 FS periods
11: Directly set the volume to zero (Instant mute)
VNDS[1:0]
Digital Volume Normal Ramp Down Step
These bits control the step of the digital volume updates when the volume is ramping down. The setting here is
applied to soft mute request, asserted by XSMUTE pin or Page 0 / Register 3.
Default value: 10
00: Decrement by 4 dB for each update
01: Decrement by 2 dB for each update
10: Decrement by 1 dB for each update
11: Decrement by 0.5 dB for each update
VNUF[1:0]
Digital Volume Normal Ramp Up Frequency
These bits control the frequency of the digital volume updates when the volume is ramping up. The setting here
is applied to soft unmute request, asserted by XSMUTE pin or Page 0 / Register 3.
Default value: 00
00: Update every 1 FS period
01: Update every 2 FS periods
10: Update every 4 FS periods
11: Directly restore the volume (Instant unmute)
VNUS[1:0]
Digital Volume Normal Ramp Up Step
These bits control the step of the digital volume updates when the volume is ramping up. The setting here is
applied to soft unmute request, asserted by XSMUTE pin or Page 0 / Register 3.
Default value: 10
00: Increment by 4 dB for each update
01: Increment by 2 dB for each update
10: Increment by 1 dB for each update
11: Increment by 0.5 dB for each update
Page 0 / Register 64
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
64
40
VEDF1
VEDF0
VEDS1
VEDS0
RSV
RSV
RSV
RSV
Reset Value
0
0
0
0
RSV
Reserved
Reserved. Do not access.
VEDF[1:0]
Digital Volume Emergency Ramp Down Frequency
These bits control the frequency of the digital volume updates when the volume is ramping down due to clock
error or power outage, which usually needs faster ramp down compared to normal soft mute.
Default value: 00
00: Update every 1 FS period
01: Update every 2 FS periods
10: Update every 4 FS periods
11: Directly set the volume to zero (Instant mute)
VEDS[1:0]
Digital Volume Emergency Ramp Down Step
These bits control the step of the digital volume updates when the volume is ramping down due to clock error
or power outage, which usually needs faster ramp down compared to normal soft mute.
Default value: 00
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com