Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 8Page - Texas Instruments PCM5252 Datasheet HTML 9Page - Texas Instruments PCM5252 Datasheet HTML 10Page - Texas Instruments PCM5252 Datasheet HTML 11Page - Texas Instruments PCM5252 Datasheet HTML 12Page - Texas Instruments PCM5252 Datasheet HTML 13Page - Texas Instruments PCM5252 Datasheet HTML 14Page - Texas Instruments PCM5252 Datasheet HTML 15Page - Texas Instruments PCM5252 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 119 page
background image
BCK
tBCH
tBCL
tBCY
t
DS
t
DH
tBL
tLB
DATA
LRCK
0. 5 * DVDD
0. 5 * DVDD
0. 5 * DVDD
(Input)
(Input)
(Input)
DATA
0. 5 * DVDD
( Output)
tDOD
PCM5252
SLASE63 – NOVEMBER 2014
www.ti.com
8.8 Timing Requirements: PCM Audio Data
MIN
TYP
MAX
UNIT
tBCY
BCK Pulse Cycle Time
40
ns
tBCL
BCK Pulse Width LOW
16
ns
tBCH
BCK Pulse Width HIGH
16
ns
tBL
BCK Rising Edge to LRCK Edge
8
ns
tBCK
BCK frequency at DVDD = 3.3V
24.576
MHz
tBCK(1.8V)
BCK frequency at DVDD = 1.8V
12.288
MHz
tLB
LRCK Edge to BCK Rising Edge
8
ns
tDS
DATA Set Up Time
8
ns
tDH
DATA Hold Time
8
ns
tDOD
DATA delay time from BCK falling edge
15
ns
Figure 5. PCM5252 Serial Audio Timing - Slave
In software mode, tThe PCM5252 can act as an I2S master, generating BCK and LRCK as outputs from the SCK
input.
Table 3. I2S Master Mode Registers
Register
Function
Page0, Register 9, D(0), D(4), and D(5)
I2S Master mode select
Register 32, D(6:0)
BCK divider and LRCK divider
Register 33, D(7:0)
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com