Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 3Page - Texas Instruments PCM5252 Datasheet HTML 4Page - Texas Instruments PCM5252 Datasheet HTML 5Page - Texas Instruments PCM5252 Datasheet HTML 6Page - Texas Instruments PCM5252 Datasheet HTML 7Page - Texas Instruments PCM5252 Datasheet HTML 8Page - Texas Instruments PCM5252 Datasheet HTML 9Page - Texas Instruments PCM5252 Datasheet HTML 10Page - Texas Instruments PCM5252 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVDD, CPVDD, DVDD
–0.3
3.9
Supply Voltage
LDOO wtih DVDD at 1.8V
–0.3
2.25
DVDD at 1.8V
–0.3
2.25
V
Digital Input Voltage
DVDD at 3.3V
–0.3
3.9
Analog Input Voltage
–0.3
3.9
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage Temperature
–40
125
°C
Human body model (HBM), per
–2500
2500
ANSI/ESDA/JEDEC JS-001, all pins(1)
Electrostatic
V(ESD)
V
Discharge
Charged device model (CDM), per JEDEC
–1500
1500
specification JESD22-C101, all pins
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCOM mode
3.0
3.3
3.46
Referenced to
AVDD
Analog power supply voltage range
V
AGND(1)
VREF mode
3.2
3.3
3.46
1.8V DVDD
1.65
1.8
1.95
Referenced to
DVDD
Digital power supply voltage range
V
DGND(1)
3.3V DVDD
3.1
3.3
3.46
CPVDD
Charge pump supply voltage range
Referenced to CPGND(1)
3.1
3.3
3.46
V
MCLK
Master Clock Frequency
50
MHz
LOL, LOR
Stereo line output load resistance
2
10
k
Ω
CLout
Digital output load capacitance
10
pF
TJ
Operating Junction Temperature Range
–25
85
°C
(1)
All grounds on board are tied together; they must not differ in voltage by more than 0.2V max, for any combination of ground signals.
8.4 Thermal Information
THERMAL METRIC
RHB (32 PINS)
UNIT
RθJA
Junction-to-ambient thermal resistance
72.2
RθJC(top)
Junction-to-case(top) thermal resistance
17.5
RθJB
Junction-to-board thermal resistance
35.0
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
34.5
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com