Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 59Page - Texas Instruments PCM5252 Datasheet HTML 60Page - Texas Instruments PCM5252 Datasheet HTML 61Page - Texas Instruments PCM5252 Datasheet HTML 62Page - Texas Instruments PCM5252 Datasheet HTML 63Page - Texas Instruments PCM5252 Datasheet HTML 64Page - Texas Instruments PCM5252 Datasheet HTML 65Page - Texas Instruments PCM5252 Datasheet HTML 66Page - Texas Instruments PCM5252 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
11.5 PCM5252 Power Modes
11.5.1 Setting Digital Power Supplies and I/O Voltage Rails
The internal digital core of the PCM5252 runs from a 1.8V supply. This can be generated by the internal LDO, or
by an external 1.8V supply.
DVDD is used to set the I/O voltage, and to be used as the input to the onchip LDO that creates the 1.8V
required by the digital core.
For systems that require 3.3V IO support, but lower power consumption, DVDD should be connected to 3.3V and
LDOO can be connected to an external 1.8V source. Doing so will disable the onchip LDO.
When setting IO voltage to be 1.8V, both DVDD and LDOO must be provided with an external 1.8V supply.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com