Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 45Page - Texas Instruments PCM5252 Datasheet HTML 46Page - Texas Instruments PCM5252 Datasheet HTML 47Page - Texas Instruments PCM5252 Datasheet HTML 48Page - Texas Instruments PCM5252 Datasheet HTML 49Page - Texas Instruments PCM5252 Datasheet HTML 50Page - Texas Instruments PCM5252 Datasheet HTML 51Page - Texas Instruments PCM5252 Datasheet HTML 52Page - Texas Instruments PCM5252 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
Register Index (or Address)
Register Data
MSB
LSB
R/W
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
9.9 Device Functional Modes
9.9.1 Choosing A Control Mode
SPI Mode is selected by connecting MODE1 to DVDD. SPI mode uses four signal lines and allows higher-speed
full-duplex communication between the host and the PCM5252.
I2C Mode is selected by connecting MODE1 to DGND and Mode2 to DVDD. I2C uses two signal lines for half-
duplex communication, and is widely used in a variety of devices.
Hardware Control Mode is selected by connecting both MODE1 and MODE2 pins to DGND. Hardware control is
useful in applications that do not require on-the-fly device-reconfiguration changes in operating features such as
gain or filter latency selection.
See Pin Assignments for a comparison of pin assignments for the 32-pin VQFN.
9.9.1.1 Software Control
9.9.1.1.1
SPI Interface
The SPI interface is a 4-wire synchronous serial port which operates asynchronously to the serial audio interface
and the system clock (SCK). The serial control interface is used to program and read the on-chip mode registers.
The control interface includes MISO (pin 24), MOSI (pin 11), MC (pin 12), and MS (pin 18). MISO (Master In
Slave Out) is the serial data output, used to read back the values of the mode registers; MOSI (Master Out Slave
In) is the serial data input, used to program the mode registers.
MC is the serial bit clock, used to shift data in and out of the control port by falling edge of MC, and MS is the
mode control enable with LOW active, used to enable the internal mode register access. If feedback from the
device is not required, the MISO pin can be assigned to GPIO1 by register control.
9.9.1.1.1.1
Register Read/Write Operation
All read/write operations for the serial control port use 16-bit data words. Figure 66 shows the control data word
format. The most significant bit is the read/write bit. For write operations, the bit must be set to 0. For read
operations, the bit must be set to 1. There are seven bits, labeled IDX[6:0], that hold the register index (or
address) for the read and write operations. The least significant eight bits, D[7:0], contain the data to be written
to, or the data that was read from, the register specified by IDX[6:0].
Figure 66 and Figure 67 show the functional timing diagram to write or read through the serial control port. MS is
held at a logic-1 state until a register access. To start the register write or read cycle, set MS to logic 0. Sixteen
clocks are then provided on MC, corresponding to the 16 bits of the control data word on MOSI and read-back
data on MISO. After the eighth clock cycle has completed, the data from the indexed-mode control register
appears on MISO during the read operation. After the sixteenth clock cycle has completed, the data is latched
into the indexed-mode control register during the write operation. To write or read subsequent data, MS is set to
logic 1 once (See tMHH in Figure 71).
Figure 66. Control Data Word Format; MDI
NOTE
B8 is used for selection of “Write” or “Read”. Setting = 0 indicates a “Write”, while = 1
indicates a ”Read”. Bits 15–9 are used for register address. Bits 7–0 are used for register
data. Multiple-byte write or read (up to 8 bytes) is supported while MS is kept low. The
address field becomes the initial address, automatically incrementing for each byte.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com